Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
33
DESCRIPTION OF MODULATION FUNCTION AND GENERAL-PURPOSE I/OS
MODULATION FUNCTION USAGE METHOD
INITIAL SETTING
The modulation function and general-purpose I/O port function cannot be used simultaneously
because they share the same pins. INT should be pulled down with a 10k
Ω resistor to select the
modulation function. For the setting method, see page 10.
In the initial setting, the modulation function is stopped. The modulation function can be set using
TXOPR.
DATA OUTPUT (TMCK, TBCK, TLRCK, TDATA, TXO)
Bi-phase modulated data is output from TXO by inputting a 256fs clock to TMCK, 64fs clock to
TBCK, fs clock to TLRCK and audio data to TDATA.
The polarity of the TLRCK clock is set using TXLRP.
Input data can be modulated in the sampling range of 32kHz to 192kHz, TMCK rate of 4MHz to
25MHz and up to 24 bit data.
The initial value for the input data format is I
2S. Switching to Left Justified format is set using TXDFS.
For the channel status, the first 48 bits of data can be written with the micro-controller interface.
TXO is fixed to Low by setting TXOPR to Stop.
LEFT
CHANNEL
RIGHT
CHANNEL
TLRCK (I)
TBCK (I)
TDATA (I)
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
16 to 24 bits
16 to 24 bits
Figure 25 Data Input Timing – I2S Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com