Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
36
GENERAL PURPOSE I/O (GPIO0, GPIO1, GPIO2, GPIO3, GPIOEN)
INITIAL SETTINGS
The modulation function and general-purpose parallel I/O’s share the same pins and therefore cannot
be used simultaneously. INT should be pulled down with a 10k
Ω resistor to use the general-purpose
I/O’s. For the setting method, see page 10.
The general-purpose parallel I/O output function performs parallel conversion of the serial data input
from the micro-controller interface and outputs the resulting data from GPIO0 GPIO1, GPIO2 and
GPIO3. The input function saves the parallel data input to GPIO0, GPIO1, GPIO2, and GPIO3 to
internal registers and reads the contents of these registers with the micro-controller interface.
It is not possible to mix the 4 bit general-purpose I/O’s as inputs and outputs at the same time.
Switching between input and output is done using GPIOEN The general-purpose I/Os all become
input pins when GPIOEN is High and all output pins when GPIOEN is Low.
INPUT/OUTPUT SETTINGS
Data handling for general-purpose I/O is performed using the micro-controller interface and
write/read registers.
General-purpose I/O write settings (Micro-controller
→ Write register → General-purpose I/O output)
1.
Set GPIOEN to Low to output data from general-purpose I/O’s.
2.
Set the data to be output to CCB address 0xE8, command address 0x10 and input registers
DI12 to DI15.
3.
During write operation, make sure "0" is written to modulation function setting registers DI8 to
DI11.
4.
The data written to PI0 to PI3 is output from the general-purpose I/O’s.
General-purpose I/O read settings (General-purpose I/O input
→ Read register → Micro-controller)
1.
Set GPIOEN to High to input data to general-purpose I/O’s.
2.
The input data is saved to CCB address 0xEB and output registers DO0 to DO3.
3.
Data can be sent to the micro-controller by reading GPO0 to GPO3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com