Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
13
DESCRIPTION OF DEMODULATION FUNCTION
The demodulation function operation settings are performed using RXOPR.
CLOCKS
PLL (LPF)
The VCO (Voltage Controlled Oscillator) can be stopped if PLLOPR is set. Synchronization to
frequencies from 32kHz to 192kHz and RMCK of 4MHz to 25MHz can be selected.
The PLL clock frequency is selected with PLLSEL. For systems with an input data sampling
frequency of 105kHz or lower, the initial setting of 512fs is recommended. Since the system clock
RMCK output initial value is set to 1/2 of PLLSEL, the RMCK output is 256fs when a PLL clock
frequency of 512fs is used.
For systems with an input data sampling frequency higher than 105kHz, the PLL clock frequency
should be set to 256fs. RMCK will be 128fs if PRSEL0 is set to 1 and the same initial output setting
(i.e. 256fs) is used,
LPF is a PLL loop filter pin. Resistances and capacitances should be selected in accordance with
the frequency of the PLLSEL system clock. The PLLSEL setting should be set prior to bi-phase data
input since PLLSEL switching involves a change in LPF loop filter constant.
C
1
C
0
R
0
LPF
Figure 5 Loop Filter Configuration
PLLCK1
PLLCK0
R0
C0
C1
0
0
0
1
150Ω
0.047µF
0.0068µF
1
0
1
1
220Ω
0.068µF
0.0047µF
Table 6 Loop Filter Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com