Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8802SCFTV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
5
PIN
NAME
TYPE
DESCRIPTION
45
TBCK/GPIO1
Digital Input/Output Modulation 64fs bit clock input. General-purpose I/O input/output pin.
46
TLRCK/GPIO2
Digital Input/Output Modulation fs clock input. General-purpose I/O input/output pin.
47
TDATA/GPIO3
Digital Input/Output Modulation serial audio data input. General-purpose I/O input/output pin.
48
TXO/GPIOEN
Digital Output/Input Modulation data output. General-purpose I/O enable input pin.
Notes:
1.
Input/output I or O
= −0.3 to 3.6V, except annotated pins: −0.3 to +5.5V
2.
Pins 32 and 33 are latch address setting input pins when pin 41
= Low.
3.
Pin 34 is the demodulation function master or slave setting input pin when pin 41 = Low.
4.
Pin 35 is the modulation function or general-purpose I/O function switch setting input pin when pin 41 = Low.
5.
Perform ON/OFF for all power supplies with the same timing as a latch-up countermeasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com