Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 65Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
62
RECOMMENDED EXTERNAL COMPONENTS
21
22
23
24
37
38
39
40
20
35
36
33
34
31
32
29
30
27
28
25
26
WM8802
DO
DI
CE
CL
SLRCK
SDIN
RLRCK
SBCK
RDATA
Analogue to Digital
Digital to Analogue
24.576 MHz / 12.288 MHz
Rf
Rp
C
l
C
l
Rd
Rp
Rp
Rp
Microcontroller
Chip address setting
Chip address setting
Demodulation function
master/slave setting
Modulation/general-purpose
I/O function selection
Cc
Cc
Microcontroller
DVDD
Analogue to Digital
Digital Signal Processing
12
11
10
9
8
7
6
5
4
3
2
1
Cc
Optical Input
Coaxial Input
C
i
R
i
Cc
DVDD DVDD
14
15
13 LPF
AGND
C
0
C
1
R
0
AVDD
Cc
AVDD
17
16 RMCK
RBCK
18
19
DGND
DVDD
Cc
DVDD
44
45
46
47
48
TXO/GPIOEN
TMCK/GPIO0
TBCK/GPIO1
TLRCK/GPIO2
TDATA/GPIO3
42
43
DVDD
DGND
Cc
DVDD
41
XMODE
Figure 34 External Component Diagram
SAMPLE APPLICATION
A de-coupling capacitor (0.1
µF) should be connected as close as possible to the power supply pin.
Use a ceramic capacitor with high-frequency characteristics..
A capacitor with a low temperature coefficient should be used for the PLL loop filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com