Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
14
DEMODULATION FUNCTION WITHOUT USING PLL (TMCK)
The WM8802 has a function to process input bi-phase data using an external clock (external
synchronization function). In normal demodulation processing, the clock is generated in
synchronization with data by the built-in PLL; the data processing is performed using this clock. It is
possible to perform data processing by supplying a data synchronized clock instead of the clock
generated by the PLL via an independent transmission path.
The demodulation function can be used to set external synchronization function without using the
PLL by EXSYNC. PLLSEL should be set to 256fs and PRSEL0 should be set to 1 (setting frequency
to 1/1). The 256fs clock should then be synchronized with the input data to TMCK. As a result of
these settings, the same operation occurs as PLL demodulation processing with a 256fs clock. LPF
should remain unconnected as no loop filter is required.
The external synchronization function settings should be completed prior to bi-phase data input
(paying attention to the bandwidth of clock transmission path).
A high-precision clock system using an external PLL can also be configured by using the external
synchronization function.
OSCILLATION AMPLIFIERS (XIN, XOUT, MCK)
The WM8802 features a built-in oscillation amplifier. An oscillation circuit can be configured by
connecting a crystal resonator, feedback resistor and load capacitance across XIN and XOUT. When
connecting a crystal resonator, use a fundamental crystal resonator. Note that the load capacitance
depends on the crystal resonator characteristics.
The output of an external clock supply source should be connected to XIN if the built-in oscillation
amplifier is not used as the clock source. In this configuration it is not necessary to connect a
feedback resistor between XIN and XOUT.
A 12.288MHz or 24.576MHz clock can be supplied to XIN by setting XINSEL. If input frequency to
XIN changes it is necessary to set FSERR to 1, so that when the input data sampling frequency
changes, the result is not reflected in the error flag. Since the input frequency is then different to the
recommended frequency operation, the encoding result cannot be used for input fs calculations. In
this case, the input fs can be calculated by performing decimal division of the count value (FSDAT)
with 1/2000th of the XIN input frequency. For details, see Micro-controller Interface section.
Since the XIN clock serves as the reference for internal processing, the XINSEL setting should be
completed prior to bi-phase data input.
A clock should be supplied to XIN at the following times:
(1)
Detection of bi-phase data input
(2)
Clock source during PLL unlock
(3)
Input data sampling frequency calculation
(4)
Time definition during input data switching
(5)
External supply clock source (AD converter clock, etc.)
The oscillation amplifier automatically stops when the PLL is locked. However, it can also be set for
continuous operation with AMPOPR set to 1. Setting the continuous operation mode enables input
data detection and input sampling frequency calculation even when the PLL is locked; this has an
effect on the sound quality because the oscillation amplifier and PLL clock coexist.
RERR outputs an error (High) once the PLL is locked if the oscillation amplifier is set to continuous
operation by setting AMPOPR to 1. This occurs because, at the same time that the oscillation
amplifier goes into the operating state, the fs calculation value that is held when operation is stopped,
is reset. This error has no influence on the clock output, but RDATA is muted while this error occurs.
Therefore, the AMPOPR[0:1] setting must be completed either prior to bi-phase data input or during
PLL unlock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com