Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
20
CLOCK SWITCH TRANSITION SIGNAL OUTPUT ( CKST )
CKST outputs Low when the output clock changes during PLL lock/unlock.
In the lock-in stage (PLL locked following the detection of input data) the CKST Low pulse falls at
the word clock edge generated from the XIN clock. The CKST Low pulse rises at the same timing as
RERR following the lapse of a given period.
In the unlock stage, the CKST Low pulse falls at the same timing as the PLL lock detection signal
RERR and rises following a given number of word clocks generated from the XIN clock.
The PLL lock status change and clock change timing is detected by the rising and falling edges of
the CKST Low pulse.
RERR
RMCK
VCO Clock
XTAL Clock
Locked status
RX0 to RX6
(a) Lock-in stage
45 ms to 300 ms
Same timing as
RERR
After PLL lock
Digital Data
Lock
Unlock
CKST
RERR
RMCK
VCO Clock
XTAL Clock
Locked status
RX0 to RX6
(b) Unlock stage
Same timing as RERR
Digital Data
Unlock
Lock
CKST
0.6 ms to 6.4 ms
Figure 8 Clock Switch Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com