Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
52
Digital audio input/output setting:
REGISTER ADDRESS
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
1
0
1
1
0
0
CAU
CAL
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
CCB address: 0xE8;
Command address: 11
0
0
TXMOD1
TXMOD0
TXMUT
TDTSEL
TXLRP
TXDFS
TXDFS
TDATA input data format setting
0: I
2S data input (initial value)
1: MSB-first front-loading data input
TXLRP
TLRCK input clock polarity setting
0: Low period: L-channel data; High period: R-channel data (initial
value)
1: Low period: R-channel data; High period: L-channel data
TDTSEL
Input data setting
0: TDATA input data (initial value)
1: SDIN input data
TXMUT
TXO output setting
0: Conversion data output (initial value)
1: Low fixed output
TXMOD [1:0]
Mode setting
00: Normal operation (L-channel, R-channel stereo mode) (initial value)
01: L-channel continuous (time-division mode)
10: R-channel continuous (time-division mode)
11: reserved
CHANNEL STATUS DATA WRITE
CCB address is set to 0xE9 for channel status data write in the modulation function.
DI0 to DI7 are not channel status bits. Always input a chip address to DI0 and DI1. Input "0" to DI2,
DI3 and DI7 because they are reserved for the system. Select the channel status data write length
with DI4 to DI6. Up to 48 bits can be set, in 8-bit units.
After CE becomes Low, input data is written from preamble B.
DI6
DI5
DI4
INPUT TABLE DATA
RANGE
DI6
DI5
DI4
INPUT TABLE DATA
RANGE
0
0
0
Bit 0 to bit 7
1
0
0
Bit 0 to bit 39
0
0
1
Bit 0 to bit 15
1
0
1
Bit 0 to bit 47
0
1
0
Bit 0 to bit 23
1
1
0
Reserved
0
1
1
Bit 0 to bit 31
1
1
1
Reserved
Table 18 Relation between Input Data Length Setting Register and Data Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com