Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFTV Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
8
AC CHARACTERISTICS
Test Conditions
AC Characteristics at Ta = 25
oC, AVDD = DVDD = 3.3V, AGND = DGND = 0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RX0 TO RX6 sampling
frequency
fRFS
28
−
195
kHz
XIN clock frequency
fXF1
1
8
12.288
19
MHz
XIN clock frequency
fXF2
2
20
24.576
30
MHz
RMCK clock frequency
fRCK
4
−
100
MHz
RMCK clock jitter
tj
−
200
−
ps
RMCK, RBCK delay
tMBO
−
−
10
ns
RBCK, RDATA delay
tBDO
−
−
10
ns
RMCK, SBC delay
tMBO
3
−
−
10
ns
SMCK, RDATA delay
tBDO
4
−
−
10
ns
TMCK input pulse width
tWMI
10
−
−
ns
TBCK input pulse width
tWBI
40
−
−
ns
TLRCK sampling frequency
fTFS
28
−
195
kHz
TBCK, TDATA setup
tDSI
−
20
−
ns
TBCK, TDATA hold
tDHI
−
20
−
ns
TMCK, TBCK delay
tMBI
−
−
10
ns
TBCK, TDATA delay
tBDI
−
−
10
ns
Notes:
1.
XINSEL = "0" setting, 12.288MHz must be set when calculating input sampling frequency
2.
XINSEL = "1" setting, 24.576MHz must be set when calculating input sampling frequency
3.
When RMCK and SBCK source clocks are the same
4.
When SBCK is the PLL source clock
RBCK(O)
RDATA(O)
RLRCK(O)
tWBI
tBDO
tWBI
TBCK(I)
TDATA(I)
TLRCK(I)
tDSI
tDHI
tBDI
RMCK(O)
TMCK (I)
tMBO
tMBI
tWMI tWMI
Figure 1 AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com