Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7282B5 Datasheet HTML 8Page - STMicroelectronics ST7282B5 Datasheet HTML 9Page - STMicroelectronics ST7282B5 Datasheet HTML 10Page - STMicroelectronics ST7282B5 Datasheet HTML 11Page - STMicroelectronics ST7282B5 Datasheet HTML 12Page - STMicroelectronics ST7282B5 Datasheet HTML 13Page - STMicroelectronics ST7282B5 Datasheet HTML 14Page - STMicroelectronics ST7282B5 Datasheet HTML 15Page - STMicroelectronics ST7282B5 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 12/23
Figure 2. External Interrupt Options
2.2 LCD controller/driver
The LCD module contains an LCD controller/driver with 20 segment and 16 backplane outputs able to
drive up to 20 x 16 = 320 segments. The LCD control logic reads automatically data from the LCD-RAM
independently from the ST72 core.
Two signals (LCF32K,LCSYNCHINOUT) can be activated on pins PC0, PC1 to connect a slave display
chip for expanding the number of segments. To activate these pins as LCF32K, LCSYNCHINOUT, bit0 of
register LCD Ctrl.2 (0027H) has to be set. During reset this bit is cleared.
VLCD must never be below VDD.
2.2.1 Address mapping of the picture elements
The LCD-RAM is located in the address region of the ST72 data space from address 40H - 7FH.
The LCD forms a matrix of 20 segment lines ( columns ) and 16 backplane lines ( rows ). Each bit of the
LCD-RAM is mapped to one dot of the LCD matrix according to fig. 1. If a bit is set, the corresponding LCD
segment is switched on, if it is reset, the segment is switched off.
After reset, the LCD-RAM is not initialized and contains arbitrary information. As the LCD control register
is cleared, the LCD is completely switched off.
In halt mode no clock for the LCD module is available from the main oscillator. The LCD module is
switched off in halt mode.
The input frequency of the LCD controller is fOSC/2 (4.275MHz).
A 32kHz stand by oscillator is not available. Therefore the mode FEXT (C5, C4, C3 = 001) of LCD control
register cannot be used.
In any case a missing LCD clock ( no oscillator active, broken crystal etc. ) is detected by a clock super-
visor circuit which switches all segment and common lines to ground to avoid destructive DC levels at the
LCD.
If the LCD clock is not missing but far too slow (e.g. due to incorrect setting of C5, C4, C3 in LCD control
register) the LCD is switched off periodically. This situation has to be avoided.
A division factor of +256 is recommended for the prescaler (C5, C4, C3 = 110; fOUT = 16.699KHz). With
this setting of the predevider, frame frequencies of 132.2Hz, 66.1Hz, 44.1Hz and 33.1Hz can be generat-
ed.
The frequency out of the prescaler must not be below 15KHz in order not to switch off the display through
the LCD oscillator supervisor.
To activate segments and backplanes, data and option register bits of the corresponding combiport pins
have to be set to 1. During reset data and option register bits of combiports are set to 1.
INTP
INTN
I1 External Interrupt Options
0
0
Negative edge and Low level sensitive
0
1
Negative edge only
1
0
Positive edge only
1
1
Positive and negative edge sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com