Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7282B5 Datasheet HTML 15Page - STMicroelectronics ST7282B5 Datasheet HTML 16Page - STMicroelectronics ST7282B5 Datasheet HTML 17Page - STMicroelectronics ST7282B5 Datasheet HTML 18Page - STMicroelectronics ST7282B5 Datasheet HTML 19Page - STMicroelectronics ST7282B5 Datasheet HTML 20Page - STMicroelectronics ST7282B5 Datasheet HTML 21Page - STMicroelectronics ST7282B5 Datasheet HTML 22Page - STMicroelectronics ST7282B5 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 23/23
5 RELATED DOCUMENTS
ST7 ADC2- SD 70K L138 ed. A
ST7 RDS BD - SD 70K L145 ed. B
ST7 RDS GB - SD 70K L144 ed. B
ST7 RDS FI - SD 70K L129 ed. C
ST7 SIO - # 96098 ed. B
ST7 OSCILLATOR - SD 70K L163 ed. A
ST7 LCIO1 - SD 70K L135 ed. C
ST7 IO3 - SD 70K L136 ed. B
ST7 LCD4 - SD 70K L140 ed. B
ST7 TIM4 - SD 70K L130 ed. A
ST7 WD2 - SD 70K L137 ed. A
ST7 EEPROMeep2a
6 HISTORIC
Below, the differences between the original specification # 96096 ed. B (ST7282B5) and the present
specification # 97115 ed. B:
7 ORDERING INFORMATION
The user code to be delivered to SGS-THOMSON
must be in Motorola S.format (.S19) and must
NOT include EEPROM content.
n
n
n
Page # modified in
original spec 96096
Modifications
New page
1
Block diagram : S21, S22
2
2
Quick reference : 2 commercial products
3
3
VLCD changed from target of 10V to < 7V
LU on all pins changed from target of class A to class A on all pins except
pin VDDA (52) class C
3
4
Islow changed from target of 1mA to 2mA;
Ihalt changed from target of 10µA to 100µA ;
VLCD changed from target of 10V to 7V.
4 - 5
7
Address mapping : TIMER
7 - 8 - 9 - 10
21
EEPROM : 2 bank 256 bytes
19
Oscillator
20
23
Connection diagram : S21, S22
21
Related documents, sales types
23
SALES TYPE
OPTIONS
TEMP RANGE
PACKAGE
ST7282A5Q6B/XXX
NO LCD
-40°C to 85°C
PQFP80
ST7282B5Q6B/XXX
WITH LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com