Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7282B5 Datasheet HTML 15Page - STMicroelectronics ST7282B5 Datasheet HTML 16Page - STMicroelectronics ST7282B5 Datasheet HTML 17Page - STMicroelectronics ST7282B5 Datasheet HTML 18Page - STMicroelectronics ST7282B5 Datasheet HTML 19Page - STMicroelectronics ST7282B5 Datasheet HTML 20Page - STMicroelectronics ST7282B5 Datasheet HTML 21Page - STMicroelectronics ST7282B5 Datasheet HTML 22Page - STMicroelectronics ST7282B5 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 20/23
Before access to one area, also the control regis-
ter of the other area should be checked and ac-
cess done only, if both areas allow the required ac-
cess.
SGS-THOMSON may implement a single or dou-
ble register version in future ROM or EPROM ver-
sions.
2.10 32K ROM
The 32K ROM is located at addresses 8000H-FFFFH.
16 bytes ( FFE0H - FFEFH ) are reserved for SGS-Thomson test vectors.
2.11 RDS
Modules ( see separate specs )
Registers of all RDS-Modules should not be accessed ( read or write ) during slow mode of CPU.
2.12 OSCILLATOR
The ST7 Oscillator allows operation with a crystal
or external input. The corresponding mode is de-
fined by a metal option. In case of external input
the clock amplitude into OSCI may not be lower
then 50mV. The pin OSCO/STOP then is serving
as output for the stop signal to synchronize with
external clock sources.
In the present version, the device works with a
dedicated crystal.
0E00
0FFF
Reg
future
Adr. 14H
Adr. 15H
EEAREA
EEAREA
0E00
0EFF
0F00
0FFF
Reg
Reg
Adr. 14H
Adr. 15H
PADD.DS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com