Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7282B5 Datasheet HTML 13Page - STMicroelectronics ST7282B5 Datasheet HTML 14Page - STMicroelectronics ST7282B5 Datasheet HTML 15Page - STMicroelectronics ST7282B5 Datasheet HTML 16Page - STMicroelectronics ST7282B5 Datasheet HTML 17Page - STMicroelectronics ST7282B5 Datasheet HTML 18Page - STMicroelectronics ST7282B5 Datasheet HTML 19Page - STMicroelectronics ST7282B5 Datasheet HTML 20Page - STMicroelectronics ST7282B5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 17/23
Figure 8. Address Mapping of the LCD-RAM MUX4
2.3 TIMER 4
16 bit autoreload timer with 2 capture inputs con-
nected to PA0, PA1 (see spec. ST7TIM4). The in-
put clock of the timer is fosc divided by 2.
2.4 WATCHDOG
The WD2 is used to reset the ST7282 B5 after a
certain period of time in the range of 2.8 msec up
to 184 msec when f
OSC = 8.55 MHz is used.
WD2 will be activated, if bit0 in Watchdog Reg.
(Adr. 12h) is set ("1"). Once WD2 is running, any
software access to bit0 in Watchdog Reg. will NOT
influence WD2. However, a RESET signal (either
externally or caused by WD2) will reset bit0 of
Watchdog Reg.
After a RESET, WD2 is deactivated and set to it's
longest period ( 184 msec for f
OSC = 8.55 MHz ).
WD2 is able to produce a SW-Reset ( bit0 set to
"1", bit1 to "0" ).
Dedication address of WD2 is 12h .
If WD2 is enabled, any stop instruction will gener-
ate a reset. However, the use of a stop instruction
(HALT) is not recommended in this case.
2.5 I/O PORTS
Pins PD0 ... PD7, PE0 ... PE3, PF0 ... PF7, PG0 ...
PG7 and PH0 ... PH7 are of type LCIO.
Pins PA0 ... PA7, PB0 ... PB7 and PC0 ... PC7 are
of type IO3 and can also be used as analog inputs.
The interrupt outputs of PORT A, PORT B, PORT
C, PORT D, PORT E, PORT F, PORT G and
PORT H are anded and connected to the interrupt
input I1 of core ( start address FFFAH ). So every
port pin which is programmed as an input with in-
terrupt enabled can generate an interrupt. If more
than one port pin is programmed as an interrupt in-
put, overlapping interrupts cannot be detected due
to the AND function.
PA0, PA1 are also used as CP1, CP2 inputs of
TIMER 4.
The pins PA5 ... PA7 are also used by the serial
I/O ( see fig. 2 ). PA5 is connected with SCL (
clock input ), PA6 is connected with SDA ( data in-
put ) and PA7 is connected with DOUT ( data out-
put ) of the SIO.
For serial input operation PA5 and PA6 have to be
programmed as inputs. For serial output PA7 has
to be programmed as open drain output ( DDR = 1,
OPR = 0 ). In this operation mode the output of the
SIO shift register instead of the port data register is
connected to the port buffer. When PA7 is pro-
grammed as push pull output
( DDR = 1, OPR
= 1 ), the port data register is connected to the port
buffer.
When the SIO pins are not used PA5 ... PA7 can
be used as any other I/O pin (PA7 not in open
drain output mode).
After reset ports PA0 ... PA7, PB0 ... PB7 and PC0
... PC6 are in input mode with pull up resistors
switched on and interrupt disabled.
BP1
BP2
BP3
BP4
bit0
bit1
bit2
bit3
60
61
62
63
40
41
--
47
48
49
------5E
5
F
ADRESS
ES
64 ... 7F
not used
S
E
G
-11
S
E
G
-10
S
E
G
-9
S
E
G
-8
S
E
G
-7
S
E
G
-6
S
E
G
0
S
E
G
1
S
E
G
2
S
E
G
24
(SEG21
... SEG24
are not
available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com