Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 2 Page - STMicroelectronics

  ST7282B5 Datasheet HTML 1Page - STMicroelectronics ST7282B5 Datasheet HTML 2Page - STMicroelectronics ST7282B5 Datasheet HTML 3Page - STMicroelectronics ST7282B5 Datasheet HTML 4Page - STMicroelectronics ST7282B5 Datasheet HTML 5Page - STMicroelectronics ST7282B5 Datasheet HTML 6Page - STMicroelectronics ST7282B5 Datasheet HTML 7Page - STMicroelectronics ST7282B5 Datasheet HTML 8Page - STMicroelectronics ST7282B5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 2/23
1 GENERAL DESCRIPTION
Figure 1. Block Diagram
n
n
n
W A T C HDO G
R A M
864
E EPR O M
51 2
T IM E R 16 bit
AD C
32K R O M
ST 7 2 C O R E
OS C IL L A T OR
RD S DE M O D.
G R P & B LK S Y N C
PO R T B
PO R T C
PA 0 /C P 1/A IN
PA 7 /A IN
PA 6 /A IN
PA 5 /A IN
PA 4 /A IN
PA 3 /A IN
PA 2 /A IN
PA 1 /C P 2/A IN
OS C IN
OS C O U T /S T O P
RD S F IL
SIO
MP X
RD S CO M P /P E 4 /S 2 1
S1 6 /P D 7
S1 5 /P D 6
S1 4 /P D 5
S1 3 /P D 4
S1 2 /P D 3
S1 1 /P D 2
S1 0 /P D 1
S9 /P D 0
S8 /P F 7
S7 /P F 6
S6 /P F 5
S5 /P F 4
S4 /P F 3
S3 /P F 2
S2 /P F 1
S1 /P F 0
BP 1 6 /S 0 /P G 7
B P 1 5 /S - 1/P G 6
B P 1 4 /S - 2/P G 5
B P 1 3 /S - 3/P G 4
B P 1 2 /S - 4/P G 3
B P 1 1 /S - 5/P G 2
B P 1 0 /S - 6/P G 1
B P 9/S -7/P G 0
8 .55M H z
ST 7 IO 3
ST 7 IO 3
R D S F ilte r
RD S RE F
ST 7 R D S F I
PO R T H
ST 7 L C IO
S T 7 OS C IL L A T OR
S T 7 RDS G B
ST 7 R D S B D
ST 7 T IM 4
ST 7 W D 2
ST 7 A D C 2
Os c - Op tio n
VD D
VS S
VP P/T EST
L CD RA M
56By te
L C D CO NT RO L
ST7 L C D 4
S e g . D rv ./P o r t E
ST 7 L C IO
RE S E T
S2 2 /P E 5
S2 1 /P E 4 /R D S C O M P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com