Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 5 Page - STMicroelectronics

  ST7282B5 Datasheet HTML 1Page - STMicroelectronics ST7282B5 Datasheet HTML 2Page - STMicroelectronics ST7282B5 Datasheet HTML 3Page - STMicroelectronics ST7282B5 Datasheet HTML 4Page - STMicroelectronics ST7282B5 Datasheet HTML 5Page - STMicroelectronics ST7282B5 Datasheet HTML 6Page - STMicroelectronics ST7282B5 Datasheet HTML 7Page - STMicroelectronics ST7282B5 Datasheet HTML 8Page - STMicroelectronics ST7282B5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 5/23
1)Operation below 30 KHz Mis possible but requires increased supply current
2)Time to build up the oscillation amplitude to 90% V
DD
3)Pull-up resistor
4)WD not active
5)WD generating a reset
6)Period for which V
DD has to be disconnected or at OV to allow internal reset function at next power
up
7)pull up off
I/O PORTS:
Input leakage current 7)
Input leakage current
Input voltage high
Input voltage low
Output voltage high
(PA,PB,PC)
Output voltage high
(PD, PE, PF, PG, PH)
Output voltage low
(PA, PB, PC, PD, PE, PF, PG,
PH)
Output voltage slope
Output current slope
Noise amplitude
Pullup Resistor Current
IIL
IIH
VIH
VIL
VOH
VOH
VOH
VOH
VOL
VOL
dVO/dt
dIO/dt
VN
IRPU
V=VSS
V=VDD
leading edge
trailing edge
I=5mA, VDD=4.5V
I=1.0mA, VDD=4.5V
I=2.5mA, VDD=4.5V
I=0.5mA, VDD=4.5V
I=-5mA, VDD=4.5V
I=-1.6mA, VDD=4.5V
CL=50pF
CL=50pF
20MHz-250MHz
VIN=VSS
-
-
0.7VDD
-
3.0
4.1
3.0
4.1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.25
2.5
100
-
50
10
10
-
0.2VDD
-
-
-
-
1.0
0.4
-
-
-
-
-
µA
µA
V
V
V
V
V
V
V
V
V/ns
mA/ns
µV
-
µA
ADC:
Resolution
Total Error
Conversion time
Input capacitance
Analog source impedance
Osc. frequency range
VA1
tcon
RVA
fOSC=8.55MHz
8)
fOSC=8.55MHz
8)
fOSC=8.55MHz
-
-
34
-
-
8.55
-
+2
35
5
30
-
bit
LSB
µs
pF
K
MHz
LCD DRIVER:
Frame frequency
DC offset voltage 9)
COM output voltage high
COM output voltage low
SEG output voltage high
SEG output voltage low
fF
VOS
VOH
VOL
VOH
VOL
fOSC=8.55MHz
VLCD=VDD, no load
I=50
µA
I=50
µA
I=25
µA
I=25
µA
-
-
-
-
-
-
132
50
-
0.5
-
0.5
Hz
mV
V
V
V
V
EEPROM:
Write time
tW
VDD=4.5V
-10
ms
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com