Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7282B5 Datasheet HTML 9Page - STMicroelectronics ST7282B5 Datasheet HTML 10Page - STMicroelectronics ST7282B5 Datasheet HTML 11Page - STMicroelectronics ST7282B5 Datasheet HTML 12Page - STMicroelectronics ST7282B5 Datasheet HTML 13Page - STMicroelectronics ST7282B5 Datasheet HTML 14Page - STMicroelectronics ST7282B5 Datasheet HTML 15Page - STMicroelectronics ST7282B5 Datasheet HTML 16Page - STMicroelectronics ST7282B5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 13/23
2.2.2 External Divider Chain
The different display voltage levels are supplied by an external resistor chain as shown in fig. below.
Two different configurations with five or four display voltage levels can be chosen.
The resistors have to have a good matching within < 1% to avoid DC voltage levels on the liquid crystal
device.
DC levels trigger electrode reactions on the liquid crystal cell, deteriorating display quality rapidly.
Figure 3. External Divider Chain
R1 = R2 = R3 = R4 = R5 = 1 ... 200kΩ
C1 = C2 = C3 = C4 = 0.1 ... 0.3µF
VLCD
VLCD
C4
C3
C2
C1
C3
C2
C1
R5
R4
R3
R2
R1
VLCD45
VLCD35
VLCD25
VLCD15
VLCD45
VLCD35
VLCD25
VLCD15
GND
GND
R4
R3
R2
R1
ST6LCD3 4.DS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com