Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7282B5 Datasheet HTML 1Page - STMicroelectronics ST7282B5 Datasheet HTML 2Page - STMicroelectronics ST7282B5 Datasheet HTML 3Page - STMicroelectronics ST7282B5 Datasheet HTML 4Page - STMicroelectronics ST7282B5 Datasheet HTML 5Page - STMicroelectronics ST7282B5 Datasheet HTML 6Page - STMicroelectronics ST7282B5 Datasheet HTML 7Page - STMicroelectronics ST7282B5 Datasheet HTML 8Page - STMicroelectronics ST7282B5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRELIMINARY DATASHEET
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 1/23
ST7282A5 - ST7282B5
ROM FROM EPROM
s
ST72-Core
s
Controller/Driver for max. 20
× 16, 28 × 8
or 32
× 4
s
LCD segments (ST7LCD4)
s
56 bytes LCD-RAM
s
864 bytes data RAM
s
512 bytes EEPROM (eep2a)
s
32Kbytes program ROM
s
24 digital I/O (ST7 IO3) with pull up,
interrupt input, analog input, push-pull/
open drain output
s
36 LCD/IO combi pins (ST7 LCIO1) with
pull-up, interrupt input, push-pull, open
drain output, LCD output
s
16 bit reload timer (ST7TIM4)
s
Watchdog Timer (ST7 WD2)
s
8 bit synchronous serial I/O (ST7SIO)
s
8 bit A/D Converter (ST7ADC2)
s
RDS Demodulator (ST7 RDS BD)
s
Group & Block Sync Module for RDS (ST7
RDS GB)
s
RDS filter (ST7 RDS FI)
s
LCD Synchro IN / Out
s
System Frequency 8.55 MHz
n
n


Similar Part No. - ST7282B5

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
More results

Similar Description - ST7282B5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
EPROM/ROM High-Speed Micro
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
logo
Advanced Micro Devices
AM27C400 AMD-AM27C400 Datasheet
428Kb / 12P
4 Megabit, ROM Compatible CMOS EPROM
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
EPROM/ROM-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com