Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282B5 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7282B5
Description  ROM FROM EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7282B5 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7282B5 Datasheet HTML 14Page - STMicroelectronics ST7282B5 Datasheet HTML 15Page - STMicroelectronics ST7282B5 Datasheet HTML 16Page - STMicroelectronics ST7282B5 Datasheet HTML 17Page - STMicroelectronics ST7282B5 Datasheet HTML 18Page - STMicroelectronics ST7282B5 Datasheet HTML 19Page - STMicroelectronics ST7282B5 Datasheet HTML 20Page - STMicroelectronics ST7282B5 Datasheet HTML 21Page - STMicroelectronics ST7282B5 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ST7282A5 - ST7282B5 - ROM FROM EPROM
Family
Issuer Ref.
Chrono
March 26, 1997
Previous Ref
Edition
ST7
PG-RO
97115
7282A5B5
Target C
Page 18/23
PA4 does not have a pull-up resistor.
Ports PD0 ... PD7, PE0 ... PE3, PF0 ... PF7, PG0
... PG7 and PH0 ... PH7 are in the "LCD Output
mode" (all pins switched to VSS).
PC7 is switched to analog input mode during reset
( data register and option register bits are set ).
PC0, PC1 may optionally be used to "cascade" the
LCD (refer to: 2. LCD CONTROLLER/DRIVER).
2.6 ADC
The reference voltage inputs of the ADC1N are
connected to VDDA, VSSA. Therefore special care
has to be taken to stabilize VDDA, VSSA and to
avoid switching of I/O pins during conversion. An-
alog inputs may be multiplexed from pins PA0 ...
PA7, PB0 ... PB7 and PC0 ... PC7. Up to 24 ana-
log inputs can be multiplexed.
Selection of an analog input is done by program-
ming the corresponding pin of a port as analog in-
put ( DDR = 0, DR = 1, OPR = 1 ). Be sure that
only one port pin is programmed as analog input at
a time. Otherwise the analog sources are shorted
by the analog multiplexer. Conversion time for an
8.55 MHz clock is 34
µsec (i.e. 288 clocks + 0...6
clocks of fOSC) because the ADC is supplied with
a clock signal of fOSC : 6 that is also available dur-
ing WAIT. The ADC interrupt is connected to level
sensitive interrupt input I5 of the core ( start ad-
dress FFF2H ). So the interrupt has to be cleared
before the interrupt service routine is left.
A stop instruction will stop the clock of the ADC
and will switch off its comparator to achieve mini-
mum power consumption. This can also be done
by clearing bit 5 ( SC ) of ADC control register (
10H ).
A rising edge on EOC-bit sets the interrupt flipflop.
To remove the interrupt, a write operation to ADC-
Control register has to be executed, to clear the in-
terrupt flipflop. After the reset, the interrupt flipflop
is also cleared.
2.7 SERIAL I/O
The 8 bit SIO generates an interrupt after the fall-
ing edge of the eight external clock pulse. The in-
terrupt signals to the ST72 to read or write the SIO
via an 8 bit register ( adr. 26H ).
The SIO uses the input/output structure of Port A (
PA5 : SCL, PA6 : SDA, PA7 : DOUT ) (see fig. 2).
The 3 pins can be operated in the following ways:
directly by software, as an S-BUS, as an I
2C-BUS
and as a standard SIO ( clock, data, enable ).
To operate the SIO PA5 and PA6 have to be pro-
grammed as inputs, PA7 as open drain output.
The SIO interrupt ( active low ) is connected to the
interrupt input I3 of the core ( address FFF6H ).
After reset all ports are in input mode with pull up
resistors switched on and the SIO interrupt is disa-
bled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com