Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 4 Page - Banner Engineering Corp.

  D10DPCFP Datasheet HTML 1Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 2Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 3Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Factory Default Settings. The following settings are preset at the factory; revert sensor to factory defaults using
Advanced Setup procedure (see Advanced Setup on page 6)
•
Dark Operate (DO)
•
50% DES
•
Health Mode Display
•
2% Threshold Offset Percentage
•
Normal Display Orientation
•
High Speed (HS)
Sensor Programming
Programming Procedures. Use the Dynamic (+) and Static (-) buttons to access and set programming parameters. For
remote programming, connect a switch or digital input to the gray wire (remote line); the length of the individual pulses is
equal to the value T when 0.04 seconds ≤ T ≤ 0.8 seconds.
Returning to RUN mode. Exit Setup mode by stepping through the entire Setup process (see Sensor Setup on page
4), by escaping out of the Setup process, or by exceeding the 60 second inactivity time-out. To escape out of the Setup
process, press and hold both the Static (-) and Dynamic (+) buttons for 2 seconds. (For remote programming, press and
hold the remote line for 2 seconds). The sensor always saves the selected settings and returns to Run mode.
Sensor Setup
•
Configures sensor display and operating parameters.
•
Changes are updated instantly.
•
Click Dynamic (+) or double-pulse remote line to select an option.
•
Click Static (-) or single-pulse remote line to advance.
Remote input pulse: 0.04 s ≤ T ≤ 0.8 s
1. Access Setup mode.
Method
Action
Result
Push Button
Press and hold both the Dynamic (+) and
Static (-) buttons concurrently for more than 2
seconds
•
Arrow Icon 1 ON Red
•
Arrow Icon 2 OFF
•
Display shows “Threshold Offset
Percentage” option.
Remote Input
Double-pulse the remote line
2. Select the threshold offset percentage.
Method
Action
Result
Push Button
Click Dynamic (+) to toggle between selections
Click Static (-) to save selection and advance
to “Light/Dark Operate”
2% to 10% Threshold Offset Percentage:
“t 2,” “t 3,” “t 4,” “t 5,” “t 10”
Remote Input
Double-pulse remote line to toggle between
selections
Single-pulse the remote line to save selection
and advance to “Light/Dark Operate"
D10 Expert Series - Small Object Counter
4
www.bannerengineering.com - tel: 763-544-3164
P/N 146132 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com