Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 3 Page - Banner Engineering Corp.

  D10DPCFP Datasheet HTML 1Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 2Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 3Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Health Mode Alarm
The Health Mode Alarm alerts you when preventative maintenance becomes necessary to ensure reliable sensing. The
Health Mode output 2 is Active when the system is OK and operating normally. Health Mode output 2 becomes Inactive
when the system is in a marginal state because of contamination. The system still operates normally and can detect small
objects, but is nearing the alarm state. When the system is completely contaminated and unable to ensure reliable
sensing, the system goes into the alarm state. In the alarm state, the discrete output 1 is forced to the blocked state and
can no longer be used to detect small objects.
The sensor may enter Health Mode Alarm for any of these reasons:
1. When first powered up; the fiber optic array may already be contaminated
2. If the Window SET procedure fails, indicating the fiber optic array is contaminated and the sensor could not set a
valid clear-state light level for reliable detection
3. If the fiber optic array is contaminated enough that the auto compensation tracking algorithm cannot sufficiently
adjust the thresholds to ensure reliable detection
4. If the fiber optic array is blocked for more than 2 seconds
Return the system to normal operation by cleaning the fiber optic array and performing a Window SET to reset the clear-
state light level (see Single-Point Window SET on page 7).
Health Model Display 3
Display Value Outputs and Indicators
System Status
25 to 100
Discrete output 1: Operational
Health Mode output 2: Active
Indicators: Arrow Icons 1 & 2 GREEN
OK: system operating normally
1 to 20
Discrete output 1: Operational
Health Mode output 2: Inactive
Indicators: Arrow Icon 1 Green; Arrow Icon 2 Red
Marginal: System operating normally;
preventative maintenance
recommended
0
Discrete output 1: Forced to Blocked State (i.e. in dark
operate, the output is conducting)
Health Mode output 2: Inactive
Indicators: Arrow Icons 1 & 2 Red
Alarm: System not operational; system
maintenance required
Programming Options
Light/Dark Operate Selection. Toggle to select the condition for which the output will conduct: when the object is
present or when the object is absent.
Threshold Offset Percentage. 2%, 3%, 4%, 5%, 10%
Dynamic Event Stretcher (DES) Selection. The output is held ON (OFF in Light Operate) for a percentage of time
longer than the detection event duration.
Options: 0%, 25%, 33%, 50%, 100%
(e.g., If the Dynamic Event Stretcher was set at 50%, a 1 ms event would be stretched to 1.5 ms)
Display Orientation. Normal or inverted
Display Mode. Health Mode (100%–0%); Percentage Blocked (0%–100%); Signal Level (ADC value); or Counter Mode
(0–9999)
Power Level/Speed Selection. High-Speed (HS) (150 µs response, 50 µs repeatability); High-Power (HP) (225 µs
response, 75 µs repeatability); or Super High-Power (SHP) (300 µs response, 100 µs repeatability)
3 Sensor display must be in Health Mode (see Sensor Setup on page 4)
D10 Expert Series - Small Object Counter
P/N 146132 Rev. D
www.bannerengineering.com - tel: 763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com