Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 5 Page - Banner Engineering Corp.

  D10DPCFP Datasheet HTML 1Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 2Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 3Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3. Select light operate or dark operate.
Method
Action
Result
Push Button
Click Dynamic (+) to toggle between selections
Click Static (-) to save selection and advance
to “Dynamic Event Stretcher (DES)”
Light Operate:
•
Display flashes “lo”
•
L icon ON
Dark Operate:
•
Display flashes “do”
•
D icon ON
Remote Input
Double-pulse remote line to toggle between
selections
Single-pulse the remote line to save selection
and advance to “Dynamic Event Stretcher
(DES)”
4. Select dynamic event stretcher (DES).
Method
Action
Result
Push Button
Click Dynamic (+) to toggle between selections
Click Static (-) to save selection and advance
to “Display Mode”
OFF (No DES):
•
“d 0”
•
Clock icon OFF
25%, 33%, 50%, or 100% DES:
•
“d 25,” “d 33,” “d 50,” “d 100,”
•
Clock icon ON
Remote Input
Double-pulse remote line to toggle between
selections
Single-pulse the remote line to save selection
and advance to “Display Mode”
5. Select display mode.
Method
Action
Result
Push Button
Click Dynamic (+) to toggle between selections
Click Static (-) to save selection and advance
to "Power/Speed"
Health Mode:
“HLth”
Percentage Blocked: “Pctb”
Signal Level:
“1234”
Counter Mode:
“Cntr”
Remote Input
Double-pulse remote line to toggle between
selections
Single-pulse the remote line to save selection
and advance to “Power/Speed"
D10 Expert Series - Small Object Counter
P/N 146132 Rev. D
www.bannerengineering.com - tel: 763-544-3164
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com