Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button D10DPCFP Datasheet HTML 3Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 10Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 11Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Push Button Lockout
•
Prevents unwanted adjustments or tampering of the push buttons.
•
Push buttons can be enabled or disabled only from the remote line and only during normal RUN mode.
Remote input pulse: 0.04 s ≤ T ≤ 0.8 s
Method
Action
Result
Push Button
Not available with push-button
programming
Push Buttons Disabled
•
Display flashes “loc”
•
Padlock icon appears
•
Sensor remains in RUN mode
Push Buttons Enabled
•
Display flashes “uloc”
•
Padlock icon disappears
•
Sensor remains in RUN mode
Remote Input
From RUN mode, quad-pulse the remote
line to toggle between selections
Gate Input
The pink wire is configured as a gate input. When this wire is pulled low (e.g., to the sensor ground), it inhibits the outputs
from switching while all other sensor functions continue to be enabled. This feature is useful for controlling when the
outputs are allowed to change states. Gate input function response time is 1 millisecond.
Single-Point Window SET
A Window SET sets a single output condition that extends above
and below the taught condition by a selectable offset percentage (2,
3, 4, 5, or 10%).
In Dark Operate, a Window SET sets a single OFF condition that
extends above and below the taught condition. All other conditions
(lighter or darker) result in ON output.
In Light Operate, a Window SET sets a single ON condition that
extends above and below the taught condition. All other conditions
(lighter or darker) result in OFF output.
Output ON and OFF conditions can be reversed by changing Light/
Dark Operate status in SETUP mode.
Remote input pulse: 0.04 s ≤ T ≤ 0.8 s
Sensor positions
window thresholds
from the taught
condition
Darkest
(no signal)
Most Light
(saturated
signal)
Taught
Condition
Offset %
Offset %
Output ON
Output ON
Output OFF
Figure 2. Single-point Window Set and Offset Percentage
(Dark Operate Shown)
D10 Expert Series - Small Object Counter
P/N 146132 Rev. D
www.bannerengineering.com - tel: 763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com