Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 10Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 11Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 12Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Specifications
Required Fiber Optics
PFCVA models (Custom fiber arrays and mounting
configurations are possible. Consult factory for
assistance with your small object counting
application.)
Sensing Beam
Visible red, 680 nm
Output Configuration
2 NPN or 2 PNP, depending on model
Output Rating
150 mA maximum load
OFF-state leakage current: < 10 µA at 24 V dc
ON-state saturation voltage: NPN < 1.5 V at 150 mA
load; PNP < 2.5 V at 150 mA load
Output Response Time
Programmable, 150 µs, 225 µs, 300 µs
NOTE: < 1 second delay on power-up; outputs do not
conduct during this time.
Adjustments
Push-button or remote programming of threshold
offset percentage, light/dark operate, Dynamic Event
Stretcher (DES), display, and power/speed
Installation
35 mm DIN rail or included mounting bracket
Indicators
Four-digit digital display, 2 arrow icons, push-button
lockout, Dynamic Event Stretcher, light/dark operate
selection, and 2 amber output LEDs
Certifications
Supply Voltage and Current
12 to 24 V dc (10% maximum ripple) at less than 65
mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient
voltage
Output Protection Circuitry
Protected against false pulse on power-up and
continuous short-circuit
Construction
Black ABS/polycarbonate alloy (UL94 V-0 rated)
housing, clear polycarbonate cover
Environmental Rating
NEMA 1, IEC IP50
Operating Conditions
Temperature: –20 to 55 °C (–4 to 131 °F)
Storage Temperature: –20 to 80 °C (–4 to +75 °F)
Max. Rel. Humidity: 90% at 50 °C (non-condensing)
Number of
Devices,
Stacked
Ambient
Temp Rating
Load
Specification
3
55 °C
150 mA
7
50 °C
50 mA
10
45 °C
50 mA
Connections
PVC-jacketed 2 m or 9 m (6.5 ft or 30 ft) 6-wire
integral cable or integral 6-pin Pico-style quick-
disconnect
D10D...Sensor Dimensions
61.3 mm
(2.42")
68.1 mm
(2.68")
10.5 ± 0.2 mm (typ.)
(0.41")
Mounting Bracket
(included)
35.9 mm
(1.41")
7.6 mm
0.30"
9.8 mm
(0.39")
D10 Expert Series - Small Object Counter
P/N 146132 Rev. D
www.bannerengineering.com - tel: 763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com