Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 10 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 10 Page - Banner Engineering Corp.

Back Button D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 10Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 11Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 12Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Included Bracket Dimensions
10.0 mm
(0.39")
35.1 mm
(1.38")
10.0 mm
(0.39")
15.2 mm
(0.60")
2x C’sink
ø8.0 mm (0.31")
3.2 mm (0.13") deep
ø4.4 mm (0.18") thru
2x 3.5 mm
(0.14")
5.0 mm
(0.20")
8.6 mm
(0.34")
25.4 mm
(1.00")
16.0 mm
(0.63")
2 x ø3.3 mm (0.13")
2x ø3.2 mm (0.13")
2.5 mm (0.10")
5.0 mm (0.20")
M3 Hardware included:
Lock Washer (2)
Flat Washer (2)
Screws (2)
Hex Nuts (2)
Fiber Optic Array Dimensions
14.5 mm
[0.57”]
83 mm
[3.27”]
42 mm
[1.65”]
30 mm
[1.18”]
10 mm
[0.39”]
75 mm
[2.95”]
25 mm
[0.98”]
4x 3.2 mm dia [0.13”]
Figure 3. PFCVA-10X25-S and PFCVA-10X25-E
D10 Expert Series - Small Object Counter
10
www.bannerengineering.com - tel: 763-544-3164
P/N 146132 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com