Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 1 Page - Banner Engineering Corp.

  D10DPCFP Datasheet HTML 1Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 2Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 3Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet
Advanced sensor for small object counting
•
Easy-to-set selectable threshold with automatic compensation
algorithm
•
Automatic compensation algorithm compensates for dust or
contamination on the fiber optic array and for ambient temperature
changes
•
16-bit microcontroller and 12-bit Analog-to-Digital converter (ADC) for
high-performance, low-contrast sensing
•
Easy-to-read 4-digit display for Health Mode, Percentage Blocked,
Signal Level, or Counter Mode readout, plus indicators for a continuous
readout of operating status (user configurable)
•
Sleek, ultra-slim 10 mm housing, mounts to a standard 35 mm DIN rail
•
Single discrete output plus Health Mode output to indicate preventative
maintenance is required
•
Three-mode power and speed selection to optimize detection reliability
•
Dynamic event stretcher to ensure one output per event — especially
for gel-cap style pills
•
Visible red (680 nm) sensing beam
•
Models available with 2 m or 9 m (6.5 ft or 30 ft) cable or integral Pico-
style quick-disconnect
Sensors
Models
Cables
Discrete Outputs
D10DNCFP
2 m (6.5 ft) Cable
NPN
D10DNCFPQ
6-pin Pico-style QD
D10DPCFP
2 m (6.5 ft) Cable
PNP
D10DPCFPQ
6-pin Pico-style QD
Fiber Optic Arrays
Models 1
Detection Window
Dimensions
Fiber Exit
Minimum Object Size 2
PFCVA-10X25-S
10 mm x 25 mm
Side exit
1.5 mm
PFCVA-10X25-E
End exit
PFCVA-25X25-S
25 mm x 25 mm
Side exit
3 mm
PFCVA-25X25-E
End exit
PFCVA-34X25-S
34 mm x 25 mm
Side exit
4 mm
PFCVA-34X25-E
End exit
To order the 9 m (30 ft) cable model, add suffix "W/30" to the cabled model number. For example: D10DNCFP W/30.
Models with a QD connector require a mating cable.
1 Custom fiber arrays and mounting configurations are possible. Consult factory for assistance with your small object counting
application.
2 With 2% threshold offset percentage
D10 Expert Series - Small Object Counter
P/N 146132 Rev. D
15 January 2014
0 146132
7


Similar Part No. - D10DPCFP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
D10DPFP BANNER-D10DPFP Datasheet
416Kb / 16P
D10 Expert?™? Dual Discrete Outputs
D10DPFP BANNER-D10DPFP Datasheet
15Mb / 42P
Fiber Optic Systems
D10DPFPG BANNER-D10DPFPG Datasheet
416Kb / 16P
D10 Expert?™? Dual Discrete Outputs
D10DPFPG BANNER-D10DPFPG Datasheet
15Mb / 42P
Fiber Optic Systems
D10DPFPGQ BANNER-D10DPFPGQ Datasheet
416Kb / 16P
D10 Expert?™? Dual Discrete Outputs
More results

Similar Description - D10DPCFP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
Command Expert
logo
Banner Engineering Corp...
D10 BANNER-D10 Datasheet
416Kb / 16P
D10 Expert?™? Dual Discrete Outputs
D10 BANNER-D10_V01 Datasheet
377Kb / 6P
D10?봁iscrete Output
D10 BANNER-D10_V02 Datasheet
432Kb / 14P
D10 Expert??Series with Bar Graph Display and Discrete Output
DF-G2 BANNER-DF-G2_V01 Datasheet
677Kb / 9P
DF-G2 High Speed Expert??Dual Display Small Object Counter
SME312 BANNER-SME312 Datasheet
1Mb / 13P
MINI-BEAM SME312 Expert Series
logo
PHOENIX CONTACT
1208461 PHOENIX-1208461 Datasheet
51Kb / 2P
Tool - SAC BIT M8-D10
logo
Banner Engineering Corp...
SLE10 BANNER-SLE10 Datasheet
381Kb / 7P
SLE10 Expert Series Slot Sensor
SLE30 BANNER-SLE30 Datasheet
450Kb / 7P
SLE30 Expert Series Slot Sensor
logo
Fluke Corporation
FLUKE-931-ESP FLUKE-FLUKE-931-ESP Datasheet
3Mb / 6P
Environmental expert series
3/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com