Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 6 Page - Banner Engineering Corp.

Back Button D10DPCFP Datasheet HTML 2Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 3Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 10Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6. Select the speed and power combination.
Method
Action
Result
Push Button
Click Dynamic (+) to toggle between selections
To return to Run mode, click the Static (-)
button OR To proceed to Advanced Setup,
quad-click Static (-) button
Arrow Icons 1 and 2 ON Red
High-speed (150-µs response): “HS”
High-power (225-µs response): “HP”
Super-high-power (300-µs response):
“SHP”
See Advanced Setup on page 6.
Remote Input
Double-pulse the remote line to toggle
between selections
Single-pulse the remote line to save selection
and return to RUN mode OR Quad-click the
remote line to proceed to Advanced Setup
Advanced Setup
•
Advanced adjustments to previously configured sensor display and operating parameters.
•
Quad-click Static (-) or quad-pulse remote line before exiting “Speed and Power Combination” selection to enter
this mode
•
Click Dynamic (+) or double-pulse remote line to select an option.
•
Click Static (-) or single-pulse remote line to advance.
•
Changes are updated instantly.
Remote input pulse: 0.04 s ≤ T ≤ 0.8 s
1. Enter Advanced Setup mode.
Method
Action
Result
Push Button
From “Power and Speed” mode, quad-click
Static (-) button
•
Arrow Icons 1 and 2 ON Red
•
Display shows “Factory Default
Settings” option.
Remote Input
From “Power and Speed” mode, quad-pulse the
remote line
2. Set to the factory default settings.
Method
Action
Result
Push Button
Click Dynamic (+) to toggle between selections
Click Static (-) to advance to “Display
Orientation”
Returns to factory default settings
Factory Default Settings Not Selected:
Display shows “Fd n”
Factory Default Settings Selected: Display
shows “Fd y”
Remote Input
Double-pulse the remote line to toggle
between selections
Single-pulse the remote line to advance to
“Display Orientation”
3. Set the display orientation.
Method
Action
Result
Push Button
Click Dynamic (+) to toggle between selections
Click Static (-) to return to RUN mode
Inverts display to read “upside-down”
Normal:
Inverted:
The icons do not invert.
Remote Input
Double-pulse the remote line to toggle
between selections
Single-pulse the remote line to return to RUN
mode
D10 Expert Series - Small Object Counter
6
www.bannerengineering.com - tel: 763-544-3164
P/N 146132 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com