Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10DPCFP Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # D10DPCFP
Description  D10 Expert Series - Small Object Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10DPCFP Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button D10DPCFP Datasheet HTML 4Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 5Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 6Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 7Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 8Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 9Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 10Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 11Page - Banner Engineering Corp. D10DPCFP Datasheet HTML 12Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Set Clear-State Light Level of Single-Point Window
Method
Action
Result
Push Button
1. Verify the fiber optic array is clean
and clear of any objects.
2. Press and hold Dynamic (+) button
for more than 2 seconds.
Display turns OFF and Arrow Icons 1 and 2 toggle 3 times
green while the sensor is optimizing system settings.
TEACH conditions acceptable:
•
Display flashes “PASS”
•
Sensor returns to Run mode with new settings.
•
Arrow Icons 1 and 2 turn ON Green
•
Health Mode output 2 Active
TEACH conditions unacceptable:
•
Display flashes “FAIL”
•
Arrow Icons 1 and 2 turn ON Red
•
Health Mode output 2 Inactive
Remote Input
1. Make sure fiber optic array is clean
and clear of any objects.
2. Single-pulse the remote line.
Wiring Diagrams
Wiring for quick disconnect (QD) models are functionally identical.
NPN Output Models
PNP Output Models
bu
bn
wh
bk
gy
pk
load
−
+
12–24V dc
1
2
Teach
Gate
health
−
bn
bu
wh
bk
gy
pk
load
health
Teach
Gate
1
2
12–24V dc
+
D10D...Port Locations
Plastic Fiber Emitter Port
Plastic Fiber Receiver Port
Slides Up to
Release Fibers
D10 Expert Series - Small Object Counter
8
www.bannerengineering.com - tel: 763-544-3164
P/N 146132 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com