Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
24
Freescale Semiconductor
Preliminary
D7
(GPIOF0)
28
K1
Input/
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Data Bus — D7 - D15 specify part of the data for external
program or data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), D7 - D15 are tri-stated when the external bus is
inactive.
Most designs will want to change the DRV state to DRV = 1 instead
of using the default setting.
Port F GPIO — These nine GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to Data Bus functionality.
To deactivate the internal pull-up resistor, clear the appropriate
GPIO bit in the GPIOF_PUR register.
Example: GPIOF0, clear bit 0 in the GPIOF_PUR register.
D8
(GPIOF1)
29
K3
D9
(GPIOF2)
30
K2
D10
(GPIOF3)
32
K4
D11
(GPIOF4)
149
A5
D12
(GPIOF5)
150
A4
D13
(GPIOF6)
151
B5
D14
(GPIOF7)
152
C4
D15
(GPIOF8)
153
A3
RD
52
P5
Output
In reset,
output is
disabled,
pull-up is
enabled
Read Enable — RD is asserted during external memory read
cycles. When RD is asserted low, pins D0 - D15 become inputs
and an external device is enabled onto the data bus. When RD is
deasserted high, the external data is latched inside the device.
When RD is asserted, it qualifies the A0 - A23, PS, DS, and CSn
pins. RD can be connected directly to the OE pin of a static RAM
or ROM.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), RD is tri-stated when the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead
of using the default setting.
To deactivate the internal pull-up resistor, set the CTRL bit in the
SIM_PUDR register.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com