Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
89
Preliminary
5.6.3.5
Low Voltage Detector Interrupt Priority Level (LVI IPL)—Bits 7–6
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.3.6
Reserved—Bits 5–4
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.3.7
External IRQ B Interrupt Priority Level (IRQB IPL)—Bits 3–2
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.3.8
External IRQ A Interrupt Priority Level (IRQA IPL)—Bits 1–0
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.4
Interrupt Priority Register 3 (IPR3)
Figure 5-6 Interrupt Priority Register 3 (IPR3)
5.6.4.1
GPIOD Interrupt Priority Level (GPIOD IPL)—Bits 15–14
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
GPIOD IPL
GPIOE IPL
GPIOFIPL
FCMSGBUF IPL
FCWKUP IPL
FCERR IPL
FCBOFF IPL
0
0
Write
RESET
00
00
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com