Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56F8167 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 184 page
background image
56F8367/56F8167 Features
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
5
Preliminary
Part 1 Overview
1.1 56F8367/56F8167 Features
1.1.1
Core
•
Efficient 16-bit 56800E family controller engine with dual Harvard architecture
•
Up to 60 Million Instructions Per Second (MIPS) at 60MHz core frequency
•
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
•
Four 36-bit accumulators, including extension bits
•
Arithmetic and logic multi-bit shifter
•
Parallel instruction set with unique DSP addressing modes
•
Hardware DO and REP loops
•
Three internal address buses and one external address bus
•
Four internal data buses and one external data bus
•
Instruction set supports both DSP and controller functions
•
Controller-style addressing modes and instructions for compact code
•
Efficient C compiler and local variable support
•
Software subroutine and interrupt stack with depth limited only by memory
•
JTAG/EOnCE debug programming interface
1.1.2
Differences Between Devices
Table 1-1 outlines the key differences between the 56F8367 and 56F8167 devices.
Table 1-1 Device Differences
Feature
56F8367
56F8167
Guaranteed Speed
60MHz/60 MIPS
40MHZ/40MIPS
Program RAM
4KB
Not Available
Data Flash
32KB
Not Available
PWM
2 x 6
1 x 6
CAN
2
Not Available
Quad Timer
4
2
Quadrature Decoder
2 x 4
1 x 4
Temperature Sensor
1
Not Available
Dedicated GPIO
—
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com