Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 184 page
background image
Signal Pins
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
35
Preliminary
ISB0
(GPIOD10)
61
N8
Schmitt
Input
Schmitt
Input/
Output
Input,
pull-up
enabled
ISB0 - 2 — These three input current status pins are used for
top/bottom pulse width correction in complementary channel
operation for PWMB.
Port D GPIO — These GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to ISB functionality.
To deactivate the internal pull-up resistor, clear the appropriate bit
of the GPIOD_PUR register. For details, see Part 6.5.8.
ISB1
(GPIOD11)
63
L8
ISB2
(GPIOD12)
64
P8
FAULTB0
67
N9
Schmitt
Input
Input,
pull-up
enabled
FAULTB0 - 3 — These four fault input pins are used for disabling
selected PWMB outputs in cases where fault conditions originate
off-chip.
To deactivate the internal pull-up resistor, set the PWMB bit in the
SIM_PUDR register. For details, see Part 6.5.8.
FAULTB1
68
L9
FAULTB2
69
L10
FAULTB3
72
P11
ANA0
100
G13
Input
Analog
Input
ANA0 - 3 — Analog inputs to ADC A, channel 0
ANA1
101
H13
ANA2
102
G12
ANA3
103
F13
ANA4
104
F12
Input
Analog
Input
ANA4 - 7 — Analog inputs to ADC A, channel 1
ANA5
105
H14
ANA6
106
G14
ANA7
107
E13
VREFH
113
D14
Input
Analog
Input
VREFH — Analog Reference Voltage High. VREFH must be less
than or equal to VDDA_ADC.
VREFP
112
D13
Input/
Output
Analog
Input/
Output
VREFP, VREFMID & VREFN — Internal pins for voltage reference
which are brought off-chip so they can be bypassed. Connect to a
0.1
µF low ESR capacitor.
VREFMID
111
E14
VREFN
110
F14
VREFLO
109
E12
Input
Analog
Input
VREFLO — Analog Reference Voltage Low. This should normally
be connected to a low-noise VSS.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com