Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 184 page
background image
Introduction
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
15
Preliminary
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F8367 and 56F8167 are organized into functional groups, as detailed
in Table 2-1 and as illustrated in Figure 2-1. In Table 2-2, each table row describes the signal or signals
present on a pin.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins in Package
56F8367
56F8167
Power (VDD or VDDA)9
9
Power Option Control
1
1
Ground (VSS or VSSA)7
7
Supply Capacitors1 & VPP
1. If the on-chip regulator is disabled, the VCAP pins serve as 2.5V VDD_CORE power inputs
66
PLL and Clock
4
4
Address Bus
24
24
Data Bus
16
16
Bus Control
10
10
Interrupt and Program Control
6
6
Pulse Width Modulator (PWM) Ports
26
13
Serial Peripheral Interface (SPI) Port 0
4
4
Serial Peripheral Interface (SPI) Port 1
—
4
Quadrature Decoder Port 02
2. Alternately, can function as Quad Timer pins
44
Quadrature Decoder Port 13
3. Pins in this section can function as Quad Timer, SPI #1, or GPIO
4—
Serial Communications Interface (SCI) Ports2
44
CAN Ports
2
—
Analog to Digital Converter (ADC) Ports
21
21
Timer Module Ports
6
2
JTAG/Enhanced On-Chip Emulation (EOnCE)
5
5
Temperature Sense
1
—
Dedicated GPIO
—
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com