Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8167 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 0
Pre-release, Alpha customers only
Rev 1.0
Initial Public Release
Rev 2.0
Added output voltage maximum value and note to clarify in Table 10-1.; also removed
overall life expectancy note, since life expectancy is dependent on customer usage and
must be determined by reliability engineering. Clarified value and unit measure for
Maximum allowed PD in Table 10-3. Corrected note about average value for Flash Data
Retention in Table 10-4. Added new RoHS-compliant orderable part numbers in
Table 13-1.
Rev 3.0
Added 160MAPBGA information, TA equation updated in Table 10-4 and additional minor
edits throughout data sheet
Rev 4.0
Deleted formula for Max Ambient Operating Temperature (Automotive) and Max Ambient
Operating Temperature (Industrial) and corrected Flash Endurance to 10,000 in
Table 10-4. Added RoHS-compliance and “pb-free” language to back cover.
Rev 5.0
Correcting MBGA pin assignments in Table 2-2 for MOSI0 and MISO0
Rev 6.0
Added information/corrected state during reset in Table 2-2. Clarified external reference
crystal frequency for PLL in Table 10-14 by increasing maximum value to 8.4MHz.
Rev 7.0
Corrected CLKO and HOME1 labels in Figure 11-2 and Table 11-2; replaced “Tri-stated”
with an explanation in State During Reset column in Table 2-2.
Please see http://www.freescale.com for the most current Data Sheet revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com