Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
Architecture Block Diagram
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
13
Preliminary
Table 1-2 Bus Signal Names
Name
Function
Program Memory Interface
pdb_m[15:0]
Program data bus for instruction word fetches or read operations.
cdbw[15:0]
Primary core data bus used for program memory writes. (Only these 16 bits of the cdbw[31:0] bus
are used for writes to program memory.)
pab[20:0]
Program memory address bus. Data is returned on pdb_m bus.
Primary Data Memory Interface Bus
cdbr_m[31:0]
Primary core data bus for memory reads. Addressed via xab1 bus.
cdbw[31:0]
Primary core data bus for memory writes. Addressed via xab1 bus.
xab1[23:0]
Primary data address bus. Capable of addressing bytes1, words, and long data types. Data is written
on cdbw and returned on cdbr_m. Also used to access memory-mapped I/O.
1. Byte accesses can only occur in the bottom half of the memory address space. The MSB of the address will be forced
to 0.
Secondary Data Memory Interface
xdb2_m[15:0] Secondary data bus used for secondary data address bus xab2 in the dual memory reads.
xab2[23:0]
Secondary data address bus used for the second of two simultaneous accesses. Capable of
addressing only words. Data is returned on xdb2_m.
Peripheral Interface Bus
IPBus [15:0]
Peripheral bus accesses all on-chip peripherals registers. This bus operates at the same clock rate
as the Primary Data Memory and therefore generates no delays when accessing the processor.
Write data is obtained from cdbw. Read data is provided to cdbr_m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com