Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
42
Freescale Semiconductor
Preliminary
4.2 Program Map
The operating mode control bits (MA and MB) in the Operating Mode Register (OMR) control the
Program memory map. At reset, these bits are set as indicated in Table 4-2. Table 4-4 shows the memory
map configurations that are possible at reset. After reset, the OMR MA bit can be changed and will have
an effect on the P-space memory map, as shown in Table 4-3. Changing the OMR MB bit will have no
effect.
The device’s external memory interface (EMI) can operate much like the 56F80x family’s EMI, or it can
be operated in a mode similar to that used on other products in the 56800E family. Initially, CS0 and CS1
are configured as PS and DS, in a mode compatible with earlier 56800 devices.
Eighteen address lines are required to shadow the first 192K of internal program space when booting
externally for development purposes. Therefore, the entire complement of on-chip memory cannot be
accessed using a 16-bit 56800-compatible address bus. To address this situation, the EMI_MODE pin can
be used to configure four GPIO pins as Address[19:16] upon reset (Software reconfiguration of the highest
address lines [A20-23] is required if the full address range is to be used.)
The EMI_MODE bit also affects the reset vector address, as provided in Table 4-4. Additional pins must
be configured as address or chip select signals to access addresses at P: $10 0000 and above.
Note: Program RAM is NOT available on the 56F8167 device.
Table 4-2 OMR MB/MA Value at Reset
OMR MB =
Flash Secured
State1, 2
1. This bit is only configured at reset. If the Flash secured state changes, this will not be reflected in MB until the next reset.
2. Changing MB in software will not affect Flash memory security.
OMR MA =
EXTBOOT Pin
Chip Operating Mode
00
Mode 0 – Internal Boot; EMI is configured to use 16 address lines; Flash Memory is
secured; external P-space is not allowed; the EOnCE is disabled
01
Not valid; cannot boot externally if the Flash is secured and will actually configure to
00 state
10
Mode 0 – Internal Boot; EMI is configured to use 16 address lines
11
Mode 1 – External Boot; Flash Memory is not secured; EMI configuration is
determined by the state of the EMI_MODE pin
Table 4-3 Changing OMR MA Value During Normal Operation
OMR MA
Chip Operating Mode
0
Use internal P-space memory map configuration
1
Use external P-space memory map configuration – If MB = 0 at reset, changing this bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com