Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 184 page
background image
Registers
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
41
Preliminary
the OCCS_COHL bit high as well.
Figure 3-4 Connecting an External Clock Register
3.3 Registers
When referring to the register definitions for the OCCS in the 56F8300 Peripheral User Manual, use the
register definitions without the internal Relaxation Oscillator, since the 56F8367/56F8167 do NOT
contain this oscillator.
Part 4 Memory Operating Modes (MEM)
4.1 Introduction
The 56F8367 and 56F8167 devices are 16-bit motor-control chips based on the 56800E core. These parts
use a Harvard-style architecture with two independent memory spaces for Data and Program. On-chip
RAM and Flash memory are used in both spaces.
This chapter provides memory maps for:
•
Program Address Space including the Interrupt Vector Table
•
Data Address Space including the EOnCE Memory and Peripheral Memory Maps
On-chip memory sizes for each device are summarized in Table 4-1. Flash memories’ restrictions are
identified in the “Use Restrictions” column of Table 4-1.
Note: Data Flash and Program RAM are NOT available on the 56F8167 device.
Table 4-1 Chip Memory Configurations
On-Chip Memory
56F8367
56F8167
Use Restrictions
Program Flash
512KB
512KB
Erase/Program via Flash interface unit and word writes to
CDBW
Data Flash
32KB
—
Erase/Program via Flash interface unit and word writes to
CDBW. Data Flash can be read via one of CDBR or XDB2, but
not both simultaneously
Program RAM
4KB
—
None
Data RAM
32KB
32KB
None
Program Boot Flash
32KB
32KB
Erase/Program via Flash Interface unit and word to CDWB
XTAL
EXTAL
External
VSS
Clock
Note: When using an external clocking source with
this configuration, the input “CLKMODE” should be
high and the COHL bit in the OSCTL register
should be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com