Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
108
Freescale Semiconductor
Preliminary
5.6.30.3
Vector Number - Vector Address Bus (VAB)—Bits 12–6
This read-only field shows the vector number (VAB[7:1]) used at the time the last IRQ was taken. This
field is only updated when the 56800E core jumps to a new interrupt service routine.
Note:
Nested interrupts may cause this field to be updated before the original interrupt service routine can
read it.
5.6.30.4
Interrupt Disable (INT_DIS)—Bit 5
This bit allows all interrupts to be disabled.
•
0 = Normal operation (default)
•
1 = All interrupts disabled
5.6.30.5
Reserved—Bit 4
This bit field is reserved or not implemented. It is read as 1 and cannot be modified by writing.
5.6.30.6
IRQB State Pin (IRQB STATE)—Bit 3
This read-only bit reflects the state of the external IRQB pin.
5.6.30.7
IRQA State Pin (IRQA STATE)—Bit 2
This read-only bit reflects the state of the external IRQA pin.
5.6.30.8
IRQB Edge Pin (IRQB Edg)—Bit 1
This bit controls whether the external IRQB interrupt is edge- or level-sensitive. During Stop and Wait
modes, it is automatically level-sensitive.
•0 = IRQB interrupt is a low-level sensitive (default)
•1 = IRQB interrupt is falling-edge sensitive
5.6.30.9
IRQA Edge Pin (IRQA Edg)—Bit 0
This bit controls whether the external IRQA interrupt is edge- or level-sensitive. During Stop and Wait
modes, it is automatically level-sensitive.
•0 = IRQA interrupt is a low-level sensitive (default)
•1 = IRQA interrupt is falling-edge sensitive
5.6.31
Reserved—Base + $1E
5.6.32
Interrupt Priority Register 10 (IPR10)
Note: This register is NOT available in the 56F8167 device.
Base + $1F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
FLEXCAN2_
MSGBUF IPL
FLEXCAN2_
WKUP IPL
FLEXCAN2_
ERR IPL
FLEXCAN2_
BOFF IPL
Write
RESET
0
0
0
1
0
0
0
0
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com