Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
122
Freescale Semiconductor
Preliminary
Figure 6-11 Overall Control of GPIOD Pads Using SIM_GPS Control
Figure 6-12 GPIO Peripheral Select Register (SIM_GPS)
6.5.8.1
Reserved—Bits 15–6
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
Table 6-3 Control of GPIOD Pads Using SIM_GPS Control 1
1. This applies to the two pins that serve as EMI CSn / CAN2 / GPIOD functions. A separate set of control bits is used for
each pin.
Pin Function
Control Registers
Comments
GPIO Input
0
0
—
GPIO Output
0
1
—
EMI I/O
1
—
0
EMI CSn pins are always outputs
CAN2
1
—
1
CAN2_TX is always an output
CAN2_RX is always an input
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
D1
D0
C3
C2
C1
C0
Write
RESET
00
00
00
00
0
0
0
0
0
0
0
0
GPIOD_PER Register
GPIO Controlled
I/O Pad Control
SIM_ GPS Register
EMI Controlled
CAN2 Controlled
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com