Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8167 Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 145Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 146Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 147Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 148Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 149Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 150Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 151Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 184 page
background image
External Memory Interface Timing
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
149
Preliminary
DCAOE and DCAEO are calculated as follows:
The timing of write cycles is different when WWS = 0 than when WWS > 0. Therefore, some parameters
contain two sets of numbers to account for this difference. Use the “Wait States Configuration” column
of Table 10-16 to make the appropriate selection.
Figure 10-4 External Memory Interface Timing
Note:
When multiple lines are given for the same wait state configuration, calculate each and then select the
smallest or most negative.
DCAOE =
=
0.5 - MAX XTAL duty cycle, if ZSRC selects prescaler clock and the prescaler is set to
÷ 1
0.0 all other cases
DCAEO =
=
MIN XTAL duty cycle - 0.5, if ZSRC selects prescaler clock and the prescaler is set to
÷ 1
0.0 all other cases
Example of DCAOE and DCAEO calculation:
Assuming prescaler is set for
÷ 1 and prescaler clock is selected by ZSRC, if XTAL duty cycle
ranges between 45% and 60% high;
DCAOE = .50 - .60 = - 0.1
DCAEO = .45 - .50 = - 0.05
tDRD
tRDD
tAD
tDOH
tDOS
tDWR
tRDWR
tWAC
tWRRD
tWR
tAWR
tWRWR
tARDD
tRDA
tRDRD
tRD
tARDA
Data Out
Data In
A0-Axx,CS
RD
WR
D0-D15
Note: During read-modify-write instructions and internal instructions, the address lines do not change state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com