| Electronic Components Datasheet Search |
|
CSAS3F3CY2202 Datasheet(PDF) 84 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CSAS3F3CY2202 Datasheet(HTML) 84 Page - Eaton All Rights Reserved. |
|
84 / 102 page ![]() Volume 8—Sensing Solutions CA08100010E—September 2017 www.eaton.com V8-T3-83 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 For Customer Service in the U.S. call 1-877-ETN CARE (386-2273), in Canada call 1-800-268-3578. For Application Assistance in the U.S. and Canada call 1-800-426-9184. 3.14 Inductive Proximity Sensors E52 Rectangular Style Sensors E52 Rectangular Style Sensors Contents Description Page E52 Rectangular Style Sensors Product Selection E52 Rectangular Style Sensors . . . . . . . . . . V8-T3-84 Compatible Connector Cables . . . . . . . . . . . V8-T3-84 Technical Data and Specifications . . . . . . . . . . V8-T3-84 Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-85 Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . V8-T3-85 E52 Rectangular Style Sensors Product Description Rectangular E52 Inductive Proximity Sensors from Eaton’s Electrical Sector feature a small, thin, compact space-saving design for applications where tubular type sensors cannot be used. Sensors are self-contained for direct connection to a logic circuit, relay, counter, programmable controller, and so on. Features ● Small, low-profile design for use in space restrictive applications ● Three-wire DC operation ● Choose from a variety of sizes, and side or end sensing configurations ● Output indicator included on all models ● Epoxy filled cavities stop fluids from contacting any electrical component ● Convenient mounting holes integrated into each sensor housing Standards and Certifications ● CE (except E52RAL) ● RoHS Compliant DANGER THIS SENSOR IS NOT A SAFETY DEVICE AND IS NOT INTENDED TO BE USED AS A SAFETY DEVICE. This sensor is designed only to detect and read certain data in an electronic manner and perform no use apart from that, specifically no safety- related use. This sensor product does not include self-checking redundant circuitry, and the failure of this sensor product could cause either an energized or de-energized output condition, which could result in death, serious bodily injury, or property damage. For the most current information on this product, visit our Web site: www.eaton.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |