Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 28 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 28 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 24Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 25Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 26Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 27Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 28Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 29Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 30Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 31Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 32Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-27
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.3
Inductive Proximity Sensors
E57PS Performance Short Body Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E57PS Performance Short Body Sensors
Dimensions
Approximate Dimensions in Inches (mm)
E57PS Performance Short Body Sensors—Cable Models
12 mm
18 mm
30 mm
Operating
Voltage
Output
Cable Models
Micro-Connector Models
(Face View Male Shown)
Three-Wire Sensors
10–48 Vdc
NO
(NPN)
NO
(PNP)
NC
(NPN)
NC
(PNP)
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
A
B
Sensing
Face
C
D
C
A
B
D
Sensing
Face
A
B
C
D
Sensing
Face
Size
Shielding
Overall Length
A
Threaded Length
B
Cap Height
C
Thread Size
D
Three-Wire DC Sensors
12 mm
Shielded
1.61 (40.9)
1.07 (27.2)
—
M12 x 1
Unshielded
1.61 (40.9)
0.89 (22.7)
0.20 (5.0)
M12 x 1
18 mm
Shielded
1.77 (44.9)
1.17 (29.8)
—
M18 x 1
Unshielded
1.77 (44.9)
0.92 (23.3)
0.28 (7.0)
M18 x 1
30 mm
Shielded
1.84 (46.6)
1.15 (29.3)
—
M30 x 1.5
Unshielded
1.84 (46.6)
0.66 (16.8)
0.51 (13.0)
M30 x 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com