Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 10 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 10 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 6Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 7Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 8Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 9Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 10Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 11Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 12Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 13Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 14Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-9
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.0
Inductive Proximity Sensors
Introduction
Tubular, Nonmetallic
Housing
E52 Cube Style
E52 Rectangular Style
Page V8-T3-76
Overview
Tubular sensors with nonmetallic housings
offer high corrosion resistance.
Applications
Food processing lines, high washdown
environments
Product Features
12, 18 and 30 mm diameters shielded and
unshielded sensing
Normally open or closed outputs
AC and DC voltages
Tough ABS plastic housing
Output LED on all models
Technical Data and Specifications
Current ratings—
AC: 150 mA
DC: 200 mA
Enclosure ratings—
NEMA 3, 3S, 4, 4X, 13
IEC IP66
Construction—
ABS plastic
Approvals
CE
RoHS Compliant
Page V8-T3-79
Overview
A family of industry-standard, cube-sized
inductive sensors with long range
capabilities.
Applications
Automotive, manufacturing,
machinery OEMs
Product Features
Long inductive proximity ranges available
(up to 40 mm sensing distance)
Four-wire DC models have complementary
outputs (1 NO/1 NC)
Four-wire DC models use auto-configure
technology, which allows the sensor to
automatically adapt for NPN or PNP
without user intervention
Robust design featuring vibration and
impact-absorbing potting compound
Ideal for extreme temperatures or high
pressure washdown environments
Technical Data and Specifications
Current ratings—
DC: 300 mA maximum
Enclosure ratings—
NEMA 4, 4X, 6, 6P, 12, 13
IEC IP67
Construction—
Zinc alloy/PPS, PL
Approvals
UL Listed, E166051
UL tested to Canadian safety standards
CE
RoHS Compliant
Page V8-T3-83
Overview
A variety of small rectangular sensors for
limited space applications.
Applications
Tight applications where conventional
sensor are too large
Product Features
Variety of housing styles R12, R18, Q16,
Q25
10 to 30 Vdc
NPN and PNP output
Short-circuit protection
LED indicator for output status
Technical Data and Specifications
Current ratings—
DC: 100 mA maximum
Enclosure ratings—
NEMA 1, 2, 3, 3S, 4, 12
IEC IP66
Construction—
PBT composition housing
Approvals
CE (except E52RAL)
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com