Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 19 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 19 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 15Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 16Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 17Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 18Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 19Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 20Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 21Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 22Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 23Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
V8-T3-18
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.2
Inductive Proximity Sensors
E57P Performance Series Sensors
E57P Performance Series Sensors
Contents
Description
Page
E57P Performance Series Sensors
Product Selection
E57P Performance Sensors . . . . . . . . . . . .
V8-T3-19
Compatible Connector Cables . . . . . . . . . .
V8-T3-20
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-20
Technical Data and Specifications . . . . . . . . . .
V8-T3-21
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-22
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-23
E57P Performance Series Sensors
Product Description
For sensing applications
requiring more demanding
specifications, the new
E57P Performance series
incorporates premium
features without the
premium price. With its
stainless steel tubular
body, IP69K rating, wide
temperature range (down to
–40 °C), fast switching speed
and laser-etched markings,
the E57P series provides
value at a low price point.
Features
●
360° LED indicator
●
Stainless steel tube
●
10–48 Vdc operating
voltage
●
Short-circuit protection
●
–40 to 70 °C temperature
range
●
IP69K environmental rating
●
Durable laser-engraved
label
●
Available in cable and
micro-connector styles
Standards and Certifications
●
UL Listed, E166051
●
UL Tested to Canadian
safety standards
●
CE
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com