Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 52 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 52 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 48Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 49Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 50Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 51Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 52Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 53Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 54Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 56Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-51
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.6
Inductive Proximity Sensors
AccuProx Analog Sensors
Product Selection
AccuProx Analog Sensors
Three-/Four-Wire Sensors
Compatible Connector Cables
Standard Cables 3
Notes
See listing of compatible connector cables above.
1 Published range data is based on a 1 mm thick square target made of Type FE 360 steel per ISO Standard 630.
2 Models available in custom output configurations (for example, 1–5 V, 0–5 V). Contact factory for details.
3 For a full selection of connector cables, see Tab 10, section 10.1.
Operating
Voltage
Sensing
Range 1
Shielding
Connection Type
Current (0–20 mA) and
Voltage (0–10 V) Output 2
Catalog Number
Current (4– 20 mA)
Output Only 2
Catalog Number
12 mm Diameter
15–30 Vdc
0.5–4 mm
Shielded
4-pin micro DC connector
E59-A12A104D01-CV
E59-A12A104D01-C1
4-pin micro DC pigtail
E59-A12A104D01P-CV
E59-A12A104D01P-C1
2-meter cable
E59-A12A104C02-CV
E59-A12A104C02-C1
1–8 mm
Unshielded
4-pin micro DC connector
E59-A12C108D01-CV
E59-A12C108D01-C1
4-pin micro DC pigtail
E59-A12C108D01P-CV
E59-A12C108D01P-C1
2-meter cable
E59-A12C108C02-CV
E59-A12C108C02-C1
18 mm Diameter
15–30 Vdc
1–7 mm
Shielded
4-pin micro DC connector
E59-A18A107D01-CV
E59-A18A107D01-C1
4-pin micro DC pigtail
E59-A18A107D01P-CV
E59-A18A107D01P-C1
2-meter cable
E59-A18A107C02-CV
E59-A18A107C02-C1
1–15 mm
Unshielded
4-pin micro DC connector
E59-A18C115D01-CV
E59-A18C115D01-C1
4-pin micro DC pigtail
E59-A18C115D01P-CV
E59-A18C115D01P-C1
2-meter cable
E59-A18C115C02-CV
E59-A18C115C02-C1
30 mm Diameter
15–30 Vdc
1–12 mm
Shielded
4-pin micro DC connector
E59-A30A112D01-CV
E59-A30A112D01-C1
4-pin micro DC pigtail
E59-A30A112D01P-CV
E59-A30A112D01P-C1
2-meter cable
E59-A30A112C02-CV
E59-A30A112C02-C1
1–25 mm
Unshielded
4-pin micro DC connector
E59-A30C125D01-CV
E59-A30C125D01-C1
4-pin micro DC pigtail
E59-A30C125D01P-CV
E59-A30C125D01P-C1
2-meter cable
E59-A30C125C02-CV
E59-A30C125C02-C1
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
DC
4-pin,
3-wire
22 AWG
6.0 ft (2m)
CSDS4A3CY2202
CSDS4A3RY2202
DC
4-pin,
4-wire
22 AWG
6.0 ft (2m)
CSDS4A4CY2202
CSDS4A4RY2202
12 mm
18 mm
30 mm
Micro-Style
Straight Female
1-Brown
2-No Wire
3-Blue
4-Black
1-Brown
2-White
3-Blue
4-Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com