Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 91 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 91 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 87Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 90Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 91Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 92Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 93Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 94Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 95Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
V8-T3-90
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.16 Inductive Proximity Sensors
E51 Modular Limit Switch Style Sensors
Standard Sensors—Assembled with Receptacles
Sensor body is attached to receptacle with tamper-proof screws.
Assembled Sensors—Standard (with Epoxy Filled Receptacles and Pre-wired Cables)
Sensor Heads
Sensor Heads 1
Notes
1 All sensor heads feature a programmable output selector switch for NO or NC operation. Operation is as follows:
2 Switch bases feature 8 ft of SOOW-A cable. Other connection options are available:
3 See listing of compatible connector cables on Page V8-T3-93.
Sensor Base Type with
8 ft Cable 2
Two-Wire Sensors
Four-Wire Sensors
Operating voltage
20–264 Vac/dc
120 Vac
10–30 Vdc
NO and NC
complementary
NO and NC complementary
Output
NO or NC 1
PNP
NPN
Sensing
Range
Shielding
Frequency
Sensor Head Only
Assembled Sensors with Head and Sensor Base
Catalog Number
Catalog Number
Top Sensing
0.51 in
(13 mm)
Shielded
Standard
E51DT1
E51ALT16P
E51CLT16P
E51PLT16P
E51NLT16P
Alternate
E51DT2
E51ALT26P
E51CLT26P
E51PLT26P
E51NLT26P
0.94 in
(24 mm)
Unshielded
Standard
E51DT5
E51ALT56P
E51CLT56P
E51PLT56P
E51NLT56P
Alternate
E51DT6
E51ALT66P
E51CLT66P
E51PLT66P
E51NLT66P
Side Sensing
0.51 in
(13 mm)
Shielded
Standard
E51DS1
E51ALS16P
E51CLS16P
E51PLS16P
E51NLS16P
Alternate
E51DS2
E51ALS26P
E51CLS26P
E51PLS26P
E51NLS26P
0.94 in
(24 mm)
Unshielded
Standard
E51DS5
E51ALS56P
E51CLS56P
E51PLS56P
E51NLS56P
Alternate
E51DS6
E51ALS66P
E51CLS66P
E51PLS66P
E51NLS66P
Sensing Range
Shielding
Frequency
Target Material
Catalog Number
Top Sensing
0.51 in (13 mm)
Shielded
Standard
All metals
E51DT1
Alternate
E51DT2
0.94 in (24 mm)
Unshielded
Standard
All metals
E51DT5
Alternate
E51DT6
Side Sensing
0.51 in (13 mm)
Shielded
Standard
All metals
E51DS1
Alternate
E51DS2
0.94 in (24 mm)
Unshielded
Standard
All metals
E51DS5
Alternate
E51DS6
For This Output Type:
Set Selector Position:
“TARGET”
“NO TARGET”
NO
Target present
Target absent
NC
Target absent
Target present
Connection Option 3
Suffix
Example
Mini-connector mounted on 3 ft (0.9m) pigtail cable
T
E51ALT16PT
Mini-connector mounted to switch base
C
E51ALT16PC
Cable longer than 8 feet, add required length in 1 ft increments
to listed catalog number—20 ft maximum
Length in ft
E51ALT16P12 for 12 ft
Top Sensing
Assembled Sensor
Sensor Heads 1
Side Sensing
Top Sensing
Side Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com