Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 46 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 46 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 42Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 43Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 44Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 45Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 46Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 47Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 48Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 49Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 50Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-45
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Dimensions
Approximate Dimensions in Inches (mm)
Stainless Steel Body (Standard Length)
Cable Models
Connector Models
C
B
D
A
SENSING
FACE
STANDARD RANGE
THREAD
TYPE E
C
B
D
A
SENSING
FACE
THREAD
TYPE E
STANDARD RANGE
Size
Shielding
Overall Length
A
Threaded Length
B
Cap Height
C
Nut Width
D
Thread Size
E
Two-Wire AC Sensors—Cable Models
12 mm
Shielded
2.46 (62.4)
1.98 (50.3)
—
0.67 (16.8)
M12 x 1
Semi-shielded
2.87 (72.8)
2.28 (57.9)
0.06 (1.62)
0.67 (16.8)
M12 x 1
Unshielded
2.87 (72.7)
1.98 (50.3)
0.36 (9.14)
0.67 (16.8)
M12 x 1
18 mm
Shielded
2.54 (64.5)
2.00 (50.9)
—
0.94 (23.8)
M18 x 1
Semi-shielded
2.60 (66.1)
1.90 (48.2)
0.10 (2.54)
0.94 (23.8)
M18 x 1
Unshielded
2.60 (66.0)
1.47 (37.2)
0.56 (14.1)
0.94 (23.8)
M18 x 1
30 mm
Shielded
2.73 (69.3)
1.98 (50.3)
—
1.41 (35.9)
M30 x 1.5
Semi-shielded
2.67 (67.8)
1.90 (48.2)
0.13 (3.30)
1.41 (35.9)
M30 x 1.5
Unshielded
2.73 (69.3)
1.49 (37.8)
0.52 (13.26)
1.41 (35.9)
M30 x 1.5
Two-Wire AC Sensors—Micro-Connector Models
12 mm
Shielded
2.69 (68.4)
1.98 (50.3)
—
0.67 (16.8)
M12 x 1
Semi-shielded
3.04 (77.2)
2.28 (57.9)
0.06 (1.62)
0.67 (16.8)
M12 x 1
Unshielded
3.06 (77.7)
1.98 (50.3)
0.36 (9.14)
0.36 (9.14)
M12 x 1
18 mm
Shielded
2.72 (69.06)
2.00 (50.9)
—
0.94 (23.8)
M18 x 1
Semi-shielded
2.72 (69.1)
1.90 (48.2)
0.10 (2.54)
0.94 (23.8)
M18 x 1
Unshielded
2.74 (69.4)
1.47 (37.2)
0.56 (14.1)
0.94 (23.8)
M18 x 1
30 mm
Shielded
2.91 (73.8)
1.98 (50.3)
—
1.41 (35.9)
M30 x 1.5
Semi-shielded
2.78 (70.6)
1.90 (48.2)
0.13 (3.30)
1.41 (35.9)
M30 x 1.5
Unshielded
2.91 (73.8)
1.49 (37.8)
0.52 (13.26)
1.41 (35.9)
M30 x 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com