Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 87 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 87 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 83Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 84Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 85Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 86Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 87Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 88Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 89Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 90Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 91Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
V8-T3-86
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.15 Inductive Proximity Sensors
E55 Limit Switch Style Sensors with Nonmetallic Housings
E55 Limit Switch Style Sensors with Nonmetallic Housings
Contents
Description
Page
E55 Limit Switch Style Sensors with
Nonmetallic Housings
Product Selection . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-86
Technical Data and Specifications . . . . . . . . . .
V8-T3-87
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-87
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-87
E55 Limit Switch Style Sensors with Nonmetallic Housings
Product Description
These sensors from Eaton’s
Electrical Sector feature PBT
resin housings for high
resistance to corrosion. The
housing is sized to offer a
direct replacement for
standard limit switches. The
unique sensing head is
factory assembled for top
sensing, but can be easily
converted in the field to any
one of four side sensing
positions. Models are
available with sensing ranges
from 15 mm to 40 mm. The
sensors can be wired for NO
or NC operation.
Features
●
Nonmetallic housing offers
excellent resistance to
corrosion
●
Same form factor and
mounting as standard limit
switches for easy retrofit
●
Sensor head features five
sensing positions (top and
all four sides) that can be
easily changed in the field
●
Long sensing ranges up to
40 mm
Standards and Certifications
●
CE
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
Product Selection
E55 Limit Switch Style Sensors
Two-Wire Sensors
Voltage
Type
Sensing
Range (Sn)
Shielding
Output
Connection Type
Catalog Number
35–250 Vac
15 mm
Shielded
NO or NC
Terminal wiring
E55BLT1C
20 mm
Unshielded
E55BLT1D
30 mm
E55BLT1E
40 mm
E55BLT1F
E55 Limit Switch
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com