Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3CY2202 Datasheet(PDF) 44 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 44 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 40Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 41Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 42Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 43Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 44Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 45Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 46Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 47Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 48Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-43
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Recommended Mounting Clearances
For unshielded standard range sensors and extended range sensors, clearance must be provided
around the sensor when mounting for reliable performance. (“Sn” is the sensing range of the
sensor, “d” is the sensor diameter.)
E57 Premium Sensors, Mounting
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
Stainless Steel Body
Type
Shielding
a
b
Standard range
Shielded
0
0
Unshielded
Cap height
2 x 5n
Extended range
Semi-shielded
d
Sn
Non-embeddable
Cap height
2 x Sn
Operating
Voltage
Connector Models (Face View Male Shown)
Output
Cable Models
Micro
Mini
Two-Wire Sensors
20–250 Vac/dc
and AC-only
AC wiring example
NO and NC
20–250 Vac/dc
DC wiring example
NO and NC
(NPN)
—
NO and NC
(PNP)
—
a
b
d
BU
BN
L2
L1
Load
L2
L1
Load
L1
L2
Load
BU
BN
Load
L1 or +V
L2 or (–)
L2
L1
Load
BU
BN
Load
L1 or +V
L2 or (–)
L2
L1
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com