Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 13 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 13 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 9Page - AMIC Technology A29L040AL Datasheet HTML 10Page - AMIC Technology A29L040AL Datasheet HTML 11Page - AMIC Technology A29L040AL Datasheet HTML 12Page - AMIC Technology A29L040AL Datasheet HTML 13Page - AMIC Technology A29L040AL Datasheet HTML 14Page - AMIC Technology A29L040AL Datasheet HTML 15Page - AMIC Technology A29L040AL Datasheet HTML 16Page - AMIC Technology A29L040AL Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
12
AMIC Technology, Corp.
I/O6: Toggle Bit I
Toggle Bit I on I/O6 indicates whether an Embedded Program
or Erase algorithm is in progress or complete, or whether the
device has entered the Erase Suspend mode. Toggle Bit I
may be read at any address, and is valid after the rising edge
of the final
WE pulse in the command sequence (prior to the
program or erase operation), and during the sector erase
time-out.
During an Embedded Program or Erase algorithm operation,
successive read cycles to any address cause I/O6 to toggle.
(The system may use either
OE or CE to control the read
cycles.) When the operation is complete, I/O6 stops toggling.
After an erase command sequence is written, if all sectors
selected
for
erasing
are
protected,
I/O6
toggles
for
approximately 100
µs, then returns to reading array data. If
not all selected sectors are protected, the Embedded Erase
algorithm erases the unprotected sectors, and ignores the
selected sectors that are protected.
The system can use I/O6 and I/O2 together to determine
whether a sector is actively erasing or is erase-suspended.
When the device is actively erasing (that is, the Embedded
Erase algorithm is in progress), I/O6 toggles. When the
device enters the Erase Suspend mode, I/O6 stops toggling.
However, the system must also use I/O2 to determine which
sectors are erasing or erase-suspended. Alternatively, the
system can use I/O7 (see the subsection on " I/O7 :
Data
Polling").
If a program address falls within a protected sector, I/O6
toggles for approximately 2
µs after the program command
sequence is written, then returns to reading array data.
I/O6 also toggles during the erase-suspend-program mode,
and stops toggling once the Embedded Program algorithm is
complete.
The Write Operation Status table shows the outputs for
Toggle Bit I on I/O6. Refer to Figure 4 for the toggle bit
algorithm, and to the Toggle Bit Timings figure in the "AC
Characteristics" section for the timing diagram. The I/O2 vs.
I/O6 figure shows the differences between I/O2 and I/O6 in
graphical form. See also the subsection on " I/O2: Toggle Bit
II".
I/O2: Toggle Bit II
The "Toggle Bit II" on I/O2, when used with I/O6, indicates
whether a particular sector is actively erasing (that is, the
Embedded Erase algorithm is in progress), or whether that
sector is erase-suspended. Toggle Bit II is valid after the
rising edge of the final
WE pulse in the command sequence.
I/O2 toggles when the system reads at addresses within those
sectors that have been selected for erasure. (The system may
use either
OE or CE to control the read cycles.) But I/O2
cannot distinguish whether the sector is actively erasing or is
erase-suspended. I/O6, by comparison, indicates whether the
device is actively erasing, or is in Erase Suspend, but cannot
distinguish which sectors are selected for erasure. Thus, both
status bits are required for sector and mode information. Refer
to Table 5 to compare outputs for I/O2 and I/O6.
Figure 4 shows the toggle bit algorithm in flowchart form, and
the section " I/O2: Toggle Bit II" explains the algorithm. See
also the " I/O6: Toggle Bit I" subsection. Refer to the Toggle Bit
Timings figure for the toggle bit timing diagram. The I/O2 vs.
I/O6 figure shows the differences between I/O2 and I/O6 in
graphical form.
Reading Toggle Bits I/O6, I/O2
Refer to Figure 4 for the following discussion. Whenever the
system initially begins reading toggle bit status, it must read
I/O7 - I/O0 at least twice in a row to determine whether a toggle
bit is toggling. Typically, a system would note and store the
value of the toggle bit after the first read. After the second
read, the system would compare the new value of the toggle
bit with the first. If the toggle bit is not toggling, the device has
completed the program or erase operation. The system can
read array data on I/O7 - I/O0 on the following read cycle.
However, if after the initial two read cycles, the system
determines that the toggle bit is still toggling, the system also
should note whether the value of I/O5 is high (see the section
on I/O5). If it is, the system should then determine again
whether the toggle bit is toggling, since the toggle bit may have
stopped toggling just as I/O5 went high. If the toggle bit is no
longer toggling, the device has successfully completed the
program or erase operation. If it is still toggling, the device did
not complete the operation successfully, and the system must
write the reset command to return to reading array data.
The remaining scenario is that the system initially determines
that the toggle bit is toggling and I/O5 has not gone high. The
system may continue to monitor the toggle bit and I/O5 through
successive read cycles, determining the status as described in
the previous paragraph. Alternatively, it may choose to perform
other system tasks. In this case, the system must start at the
beginning of the algorithm when it returns to determine the
status of the operation (top of Figure 4).
I/O5: Exceeded Timing Limits
I/O5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under these
conditions I/O5 produces a "1." This is a failure condition that
indicates the program or erase cycle was not successfully
completed.
The I/O5 failure condition may appear if the system tries to
program a "1 "to a location that is previously programmed to
"0." Only an erase operation can change a "0" back to a "1."
Under this condition, the device halts the operation, and when
the operation has exceeded the timing limits, I/O5 produces a
"1."
Under both these conditions, the system must issue the reset
command to return the device to reading array data.
I/O3: Sector Erase Timer
After writing a sector erase command sequence, the system
may read I/O3 to determine whether or not an erase
operation has begun. (The sector erase timer does not apply
to the chip erase command.) If additional sectors are
selected for erasure, the entire time-out also applies after
each additional sector erase command. When the time-out is
complete, I/O3 switches from "0" to "1." The system may
ignore I/O3 if the system can guarantee that the time
between additional sector erase commands will always be
less than 50
µs. See also the "Sector Erase Command
Sequence" section.
After the sector erase command sequence is written, the
system should read the status on I/O7 (
Data Polling) or I/O6
(Toggle Bit 1) to ensure the device has accepted the
command sequence, and then read I/O3. If I/O3 is "1", the
internally controlled erase cycle has begun; all further
commands (other than Erase Suspend) are ignored until the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com