Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AL Datasheet(PDF) 26 Page - AMIC Technology

Part # A29L040AL
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AL Datasheet(HTML) 26 Page - AMIC Technology

Back Button A29L040AL Datasheet HTML 22Page - AMIC Technology A29L040AL Datasheet HTML 23Page - AMIC Technology A29L040AL Datasheet HTML 24Page - AMIC Technology A29L040AL Datasheet HTML 25Page - AMIC Technology A29L040AL Datasheet HTML 26Page - AMIC Technology A29L040AL Datasheet HTML 27Page - AMIC Technology A29L040AL Datasheet HTML 28Page - AMIC Technology A29L040AL Datasheet HTML 29Page - AMIC Technology A29L040AL Datasheet HTML 30Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
25
AMIC Technology, Corp.
Package Information
P-DIP 32L Outline Dimensions
unit: inches/mm
1
32
E1
EA
D
θ
B1
B
Base Plane
Seating Plane
16
17
e
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.210
-
-
5.334
A1
0.015
-
-
0.381
-
-
A2
0.149
0.154
0.159
3.785
3.912
4.039
B
-
0.018
-
-
0.457
-
B1
-
0.050
-
-
1.270
-
C
-
0.010
-
-
0.254
-
D
1.645
1.650
1.655
41.783
41.91
42.037
E
0.537
0.542
0.547
13.64
13.767
13.894
E1
0.590
0.600
0.610
14.986
15.240
15.494
EA
0.630
0.650
0.670
16.002
16.510
17.018
e
-
0.100
-
-
2.540
-
L
0.120
0.130
0.140
3.048
3.302
3.556
θ
0
°
-
15
°
0
°
-
15
°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com